Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3577 Datasheet(PDF) 45 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 45 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 41Page - Linear Technology LTC3577 Datasheet HTML 42Page - Linear Technology LTC3577 Datasheet HTML 43Page - Linear Technology LTC3577 Datasheet HTML 44Page - Linear Technology LTC3577 Datasheet HTML 45Page - Linear Technology LTC3577 Datasheet HTML 46Page - Linear Technology LTC3577 Datasheet HTML 47Page - Linear Technology LTC3577 Datasheet HTML 48Page - Linear Technology LTC3577 Datasheet HTML 49Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
LTC3577/LTC3577-1
45
3577f
OPERATION
Power-Down via Pushbutton Timing
The timing diagram, Figure 22, shows the LTC3577
powering down by μC/μP control. For this example the
pushbutton circuitry starts in the PON state with a bat-
tery connected and all bucks enabled. In this case the
pushbutton is applied (ON low) for at least 50ms, which
generates a low impedance on the PBSTAT output. After
receiving the PBSTAT the μC/μP will drive the PWR_ON
input low. 50ms after PWR_ON goes low the WAKE
output will go low and the pushbutton circuitry will enter
the PDN2 state. The bucks are disabled together at once
upon entering the PDN2 state. Once entering the PDN2
state a 1 second wait time is initiated before entering the
POFF state. During this 1 second time ON and PWR_ON
inputs as well as external power application are ignored
to allow all LTC3577 generated supplies to go low. Though
the above assumes a battery present, the same operation
would take place with a valid external supply (VBUS or
WALL) with or without a battery present.
Upon entering the PDN2 state the LDOs and LED backlight
I2C registers are cleared effectively disabling both. If this
is not desirable the LDOs and LED backlight should be
disabled via I2C prior to entering the PDN2 state.
Holding ON low through the 1 second power-down period
will not cause a power-up event at end of the 1 second
period. The ON input must be brought high following the
power-down event and then go low again to establish a
valid power-up event.
UVLO Minimum Off-Time Timing (Low Battery)
The timing diagram, Figure 23, assumes the battery is either
missing or at a voltage below the VOUT UVLO threshold
and the application is running via external power (VBUS
or WALL). A glitch on the external supply causes VOUT
to drop below the VOUT UVLO threshold temporarily. The
VOUT UVLO condition will cause the pushbutton circuitry
to transition from the PON state to the PDN2 state. Upon
entering the PDN2 state WAKE and PG_DCDC will go low
while the bucks, LDOs and LED backlight power down
together. If the external supply recovers after entering the
PND2 state such that VOUT is no longer in UVLO then the
LTC3577 will transition back into the PUP2 state once the
PDN2 one second delay is complete. Though not shown
in Figure 23, the pushbutton logic briefly visits the POFF
state when transitioning between PDN2 and PUP2. Enter-
ing the PUP2 state will cause the bucks to sequence up as
described previously in the power-up sections. The LDOs
and LED backlight must be re-enabled via I2C once device
is powered back up.
PBSTAT
PWR_ON
WAKE
BUCKS
PG_DCDC
STATE PON
PDN2
PUP2
PON
VBUS/WALL
BAT
ON (PB)
3577 F23
1SEC
BUCKS SEQUENCE UP
1 2 3
230ms
5SEC
Figure 23. UVLO Minimum Off-Time
Figure 22. Power-Down va Pushbutton Timing
PBSTAT
PWR_ON
WAKE
BUCK1-3
PG_DCDC
STATE
PON
PDN2
POFF
VBUS/WALL
BAT
ON (PB)
3577 F22
1SEC
50ms
μC/μP CONTROL
50ms
ALL BUCKS LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com