Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3577 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3577
Description  Highly Integrated 6-Channel Portable PMIC
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3577 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3577 Datasheet HTML 2Page - Linear Technology LTC3577 Datasheet HTML 3Page - Linear Technology LTC3577 Datasheet HTML 4Page - Linear Technology LTC3577 Datasheet HTML 5Page - Linear Technology LTC3577 Datasheet HTML 6Page - Linear Technology LTC3577 Datasheet HTML 7Page - Linear Technology LTC3577 Datasheet HTML 8Page - Linear Technology LTC3577 Datasheet HTML 9Page - Linear Technology LTC3577 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
LTC3577/LTC3577-1
6
3577f
ELECTRICAL CHARACTERISTICS I2C Interface. The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. DVCC = 3.3V, VOUT = 3.8V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DVCC
Input Supply Voltage
1.6
5.5
V
IDVCC
DVCC Supply Current
SCL = 400kHz
SCL = SDA = 0kHz
1
0.4
μA
μA
VDVCC,UVLO
DVCC UVLO
1.0
V
VIH
Input HIGH Voltage
50
70
%DVCC
VIL
Input LOW Voltage
30
50
%DVCC
IIH
Input HIGH Leakage Current
SDA = SCL = DVCC = 5.5V
–1
1
μA
IIL
Input LOW Leakage Current
SDA = SCL = 0V, DVCC = 5.5V
–1
1
μA
VOL
SDA Output LOW Voltage
ISDA = 3mA
0.4
V
Timing Characteristics (Note 8) (All Values are Referenced to VIH and VIL)
fSCL
SCL Clock Frequency
400
kHz
tLOW
LOW Period of the SCL Clock
1.3
μs
tHIGH
HIGH Period of the SCL Clock
0.6
μs
tBUF
Bus Free Time Between Stop and Start Condition
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition
0.6
μs
tSU,STA
Setup Time for a Repeated Start Condition
0.6
μs
tSU,STO
Stop Condition Set-Up Time
0.6
μs
tHD,DATO
Output Data Hold Time
0
900
ns
tHD,DATI
Input Data Hold Time
0
ns
tSU,DAT
Data Set-Up Time
100
ns
tSP
Input Spike Suppression Pulse Width
50
ns
Step-Down Switching Regulators. The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. VOUT = VIN12 = VIN3 = 3.8V, all regulators enabled unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Step-Down Switching Regulators (Buck1, Buck2 and Buck3)
VIN12, VIN3
Input Supply Voltage
(Note 9)
l
2.7
5.5
V
VOUT UVLO
VOUT Falling
VOUT Rising
VIN12 and VIN3 Connected to VOUT Through
Low Impedance. Switching Regulators are
Disabled Below VOUT UVLO
2.5
2.7
2.8
2.9
V
V
fOSC
Oscillator Frequency
1.91
2.25
2.59
MHz
800mA Step-Down Switching Regulator 3 (Buck3 – Pushbutton Enabled, Third in Sequence)
IVIN3Q
Pulse-Skipping Mode Input Current
(Note 10)
100
μA
Burst Mode Input Current
(Note 10)
17
μA
Shutdown Input Current
0.01
μA
ILIM3
Peak PMOS Current Limit
(Note 7)
1000
1400
1700
mA
VFB3
Feedback Voltage
Pulse-Skipping Mode
Burst Mode Operation
l
l
0.78
0.78
0.8
0.8
0.82
0.824
V
V
IFB3
FB3 Input Current
(Note 10)
–0.05
0.05
μA
D3
Max Duty Cycle
FB3 = 0V
100
%
RP3
RDS(ON) of PMOS
0.3
Ω
RN3
RDS(ON) of NMOS
0.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com