Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9003 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM9003
Description  12-Bit Digital Pre-Distortion Receiver Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM9003 Datasheet HTML 14Page - Linear Technology LTM9003 Datasheet HTML 15Page - Linear Technology LTM9003 Datasheet HTML 16Page - Linear Technology LTM9003 Datasheet HTML 17Page - Linear Technology LTM9003 Datasheet HTML 18Page - Linear Technology LTM9003 Datasheet HTML 19Page - Linear Technology LTM9003 Datasheet HTML 20Page - Linear Technology LTM9003 Datasheet HTML 21Page - Linear Technology LTM9003 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTM9003
18
9003p
VDD
VDD
LTM9003
9003 F08
VDD
ENC–
ENC+
1.5V
BIAS
1.5V
BIAS
0.1μF
T1
MA/COM
ETC1-1-13
CLOCK
INPUT
100Ω
8.2pF
0.1μF
0.1μF
50Ω
•
•
50Ω
4.8k
4.8k
TO INTERNAL
ADC CIRCUITS
APPLICATIONS INFORMATION
Maximum and Minimum Conversion Rates
The maximum conversion rate for the ADC is 250Msps.
For the ADC to operate properly, the encode signal should
have a 50% (±5%) duty cycle. Each half cycle must have
at least 1.9ns for the ADC internal circuitry to have enough
settling time for proper operation. Achieving a precise 50%
duty cycle is easy with differential sinusoidal drive using
a transformer or using symmetric differential logic such
as PECL or LVDS.
The lower limit of the sample rate is determined by the
droop of the sample-and-hold circuits. The pipelined ar-
chitecture of this ADC relies on storing analog signals on
small valued capacitors. Junction leakage will discharge
the capacitors. The specified minimum operating frequency
for the LTM9003 is 1Msps.
Clock Duty Cycle Stabilizer
An optional clock duty cycle stabilizer circuit can be used if
the input clock has a non 50% duty cycle. This circuit uses
the rising edge of the ENC+ pin to sample the analog input.
The falling edge of ENC+ is ignored and the internal falling
edge is generated by a phase-locked loop. The input clock
duty cycle can vary from 40% to 60% and the clock duty
cycle stabilizer will maintain a constant 50% internal duty
cycle. If the clock is turned off for a long period of time,
the duty cycle stabilizer circuit will require one hundred
clock cycles for the PLL to lock onto the input clock. To
use the clock duty cycle stabilizer, the MODE pin should be
connected to 1/3VDD or 2/3VDD using external resistors.
Clock Sources for Undersampling
Undersampling is especially demanding on the clock source
and the higher the input frequency, the greater the sensitivity
to clock jitter or phase noise. A clock source that degrades
SNR of a full-scale signal by 1dB at 70MHz will degrade
SNR by 3dB at 140MHz, and 4.5dB at 190MHz.
In cases where absolute clock frequency accuracy is
relatively unimportant and only a single ADC is required, a
canned oscillator from vendors such as Saronix or Vectron
can be placed close to the ADC and simply connected
directly to the ADC. If there is any distance to the ADC,
some source termination to reduce ringing that may occur
even over a fraction of an inch is advisable. You must not
allow the clock to overshoot the supplies or performance
will suffer. Do not filter the clock signal with a narrow band
filter unless you have a sinusoidal clock source, as the
rise and fall time artifacts present in typical digital clock
signals will be translated into phase noise.
Figure 8. Transformer Driven ENC+/ENC–
Figure 9. Single-Ended ENC Driver, Not Recommended
for Low Jitter
Figure 10. ENC Drive Using LVDS
9003 F09
ENC–
1.5V
VTHRESHOLD = 1.5V
ENC+
0.1μF
LTM9003
9003 F10
ENC–
ENC+
LVDS
CLOCK
100Ω
0.1μF
LTM9003
0.1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com