Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM9003 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM9003
Description  12-Bit Digital Pre-Distortion Receiver Subsystem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9003 Datasheet(HTML) 4 Page - Linear Technology

  LTM9003 Datasheet HTML 1Page - Linear Technology LTM9003 Datasheet HTML 2Page - Linear Technology LTM9003 Datasheet HTML 3Page - Linear Technology LTM9003 Datasheet HTML 4Page - Linear Technology LTM9003 Datasheet HTML 5Page - Linear Technology LTM9003 Datasheet HTML 6Page - Linear Technology LTM9003 Datasheet HTML 7Page - Linear Technology LTM9003 Datasheet HTML 8Page - Linear Technology LTM9003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTM9003
4
9003p
DYNAMIC ACCURACY
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio at –1dBFS
RF = 1950MHz, LO = 1766MHz
RF = 1889MHz, LO = 1766MHz
RF = 2011MHz, LO = 1766MHz
l
TBD
143.7
143.7
dB/Hz
dB/Hz
dB/Hz
IIP3
Input 3rd Order Intercept, 2-Tone
LTM9003-AA
RF = 1948MHz, 1952MHz, LO = 1766MHz
25.8
dBm
LTM9003-AB
RF = 1948MHz, 1952MHz, LO = 1766MHz
26.5
dBm
IIP2
Input 2nd Order Intercept, 1-Tone
LTM9003-AA
RF = 1950MHz, LO = 1766MHz
61
dBm
LTM9003-AB
RF = 1950MHz, LO = 1766MHz
67
dBm
SFDR
Spurious Free Dynamic Range 2nd or 3rd
Harmonic at –1dBFS
LTM9003-AA
RF = 1889MHz, LO = 1766MHz
RF = 1950MHz, LO = 1766MHz
RF = 2011MHz, LO = 1766MHz
l
TBD
52.4
67.4
dB
dB
dB
LTM9003-AB
RF = 1889MHz, LO = 1766MHz
RF = 1950MHz, LO = 1766MHz
RF = 2011MHz, LO = 1766MHz
l
TBD
61
65
71.5
dB
dB
dB
SFDR
Spurious Free Dynamic Range 4th or Higher at
–1dBFS
RF = 1950MHz, LO = 1766MHz
RF = 1889MHz, LO = 1766MHz
RF = 2011MHz, LO = 1766MHz
l
TBD
63
61
dB
dB
dB
S/(N+D)
Signal-to-Noise Plus Distortion Ratio at –1dBFS RF = 1950MHz, LO = 1766MHz
RF = 1889MHz, LO = 1766MHz
RF = 2011MHz, LO = 1766MHz
l
TBD
57
58
dB
dB
dB
IMD3
Intermodulation Distortion at –7dBFS per Tone
RF = 1950MHz, LO = 1766MHz
–67
dB
ACPR
Adjacent Channel Power Ratio at 2.4dBm per
Carrier, Four Carriers
58.5
dB
ALTCPR
Alternate Channel Power Ratio at 2.4dBm per
Carrier, Four Carriers
63.3
dB
The
l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
FILTER CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Center Frequency
LTM9003-Ax
184.32
MHz
Lower 3dB Bandedge
LTM9003-Ax
84
MHz
Upper 3dB Bandedge
LTM9003-Ax
304
MHz
Lower 20dB Stopband
LTM9003-Ax
40
MHz
Upper 20dB Stopband
LTM9003-Ax
450
MHz
Passband Flatness
129MHz to 239.6MHz, LTM9003-Ax
174MHz to 194MHz, LTM9003-Ax
0.5
0.15
dB
dB
Group Delay Flatness
129MHz to 239.6MHz, LTM9003-Ax
174MHz to 194MHz, LTM9003-Ax
1.2
0.1
ns
ns
Absolute Delay
LTM9003-Ax
2.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com