Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7830 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT7830
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7830 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT7830 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
12/29/99
SPT7830
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
Analog In
Analog Signal Input
Start Convert
Start Convert. A high-to-low transition on
this input begins the conversion cycle and
enables serial data output.
Clock
Clock that drives A/D conversion cycle and
the synchronous serial data output
Data Out
Serial Data. Tri-state serial data output for
the A/D result driven by the CLOCK input
External VREF+
External voltage reference for top of refer-
ence ladder
External VREF-
External voltage reference for bottom of
reference ladder
VDD
Analog and Digital +3 V to +5 V
Power Supply Input
GND
Analog and Digital Ground
Data Out
External VREF+
Analog In
External VREF-
Ground
VDD
Clock
Start Convert
1
2
3
4
8
7
6
5
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7830SCS
0 to +70
°C
8L SOIC
SPT7830SIS
–40 to +85
°C
8L SOIC
SPT7830SCU
+25
°C
Die*
*Please see the die specification for guaranteed electrical performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com