Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7830 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # SPT7830
Description  10-BIT, 2.5 MSPS, SERIAL OUTPUT A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7830 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  SPT7830 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7830 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
12/29/99
SPT7830
ELECTRICAL SPECIFICATIONS
TA = +25 °C, VDD = +5.0 V, VIN = 0 to +3 V, fCLK = 35 MHz, fS = 2.5 MSPS, VREF+ = +3.0 V, VREF– = 0.0 V, unless otherwise specified.
TEST
TEST
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
DC Performance
Resolution
10
Bits
Differential Linearity
VI
±0.5
±1.0
LSB
Integral Linearity
VI
±1.0
±1.5
LSB
No Missing Codes
VI
Guaranteed
Analog Input
Input Voltage Range1
IV
VREF– +4%
VREF+ –6%
V
Input Resistance
VI
5
M
Input Capacitance
IV
5
pF
Input Bandwidth (Small Signal)
IV
30
MHz
Offset
IV
–2
+2
% of FSR
Gain Error
IV
–2
+2
% of FSR
Reference Input
Resistance
IV
250
280
350
Voltage Range1
VREF2
IV
–4%
0
VREF+ –∆
V
VREF+2
IV
VREF– +∆
2/3 VDD
V
VREF+ – VREF– (∆)
IV
1/10 VDD
V
Reference Settling Time
IV
90
ns
Timing Characteristics
Maximum Conversion Rate
VI
2.5
1.0
MSPS
Minimum Conversion Rate
IV
1
kSPS
Maximum External Clock Rate
VI
35
14
MHz
Minimum External Clock Rate
IV
14
kHz
Aperture Delay Time
IV
5
ns
Aperture Jitter Time
IV
5
ps
Data Output LSB Hold Time
TMIN to TMAX
IV
6
8
ns
Supply Voltages
VDD ...........................................................................+6 V
Input Voltages
Analog Input ................................................ –0.7 to +6 V
VREF+ .......................................................... –0.7 to +6 V
VREF– .......................................................... –0.7 to +6 V
Clock and SC .............................................. –0.7 to +6 V
Output
Data Out ................................................................ 10 mA
Temperature
Operating,
ambient ............................... –40 to +85
°C
junction ......................................... +175
°C
Lead, Soldering (10 seconds) ............................ +300
°C
Storage .................................................... –65 to +150
°C
Note: 1. Operation at any Absolute Maximum Ratings is not implied. See Electrical Specifications for proper nominal applied
conditions in typical applications.
1 Percentages refer to percent of [(VREF+) – (VREF–)]
2
∆ = Minimum (VREF+ – VREF–)
ABSOLUTE MAXIMUM RATING (Beyond which damage may occur)1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com