Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2192 Datasheet(PDF) 64 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 64 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 60Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 61Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 62Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 63Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 64Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 65Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 66Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 67Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 68Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
64
REV. 1.0.0 8/13/03
Layout Considerations
Designing with high-performance mixed-signal circuits
demands printed circuits with ground planes. Wire-wrap is
not an option. Overall system performance is strongly influ-
enced by the board layout. Capacitive coupling from digital
to analog circuits may result in poor picture quality. Con-
sider the following suggestions when doing the layout:
•
Keep analog traces (CBYPx, VREF, RREF, DACx) as
short and far from all digital signals as possible. The
TMC2192 should be located near the board edge, close
to the analog output connectors.
•
The power plane for the TMC2192 should be separate
from that which supplies other digital circuitry. A single
power plane should be used for all of the VDD pins. If
the power supply for the TMC2192 is the same for the
system's digital circuitry, power to the TMC2192 should
be filtered with ferrite beads and 0.1
µF capacitors to
reduce noise.
•
The ground plane should be solid, not cross-hatched.
Connections to the ground plane should be very short.
•
Decoupling capacitors should be applied liberally to
pins. For best results, use 0.1
µF capacitors. Lead lengths
should be minimized. Ceramic chip capacitors are the
best choice.
•
If there is dedicated digital power plane, it should not
overlap the TMC2192 footprint, the voltage reference,
or the analog outputs. Capacitive coupling of digital
power supply noise from this layer to the TMC2192 and
its related analog circuitry can have an adverse effect on
performance.
•
The PXCK should be handled carefully. Jitter and noise
on this clock or its ground reference will translate to
noise on the video outputs. Terminate the clock line
carefully to eliminate overshoot and ringing.
•
Connect all unused inputs to the TMC2192 to either
ground or VDD. Do not leave them unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com