Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMC2192 Datasheet(PDF) 30 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 30 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 26Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 27Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 28Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 29Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 30Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 31Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 32Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 33Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 34Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
TMC2192
PRODUCT SPECIFICATION
30
REV. 1.0.0 8/13/03
In read mode, the address is accompanied by a HIGH on the
R/W pin during a falling edge of CS. The data output pins go
to a low-impedance state tDOZ after CS falls. Valid data are
present on D7-0 tDOM after the falling edge of CS. Because
this port operates asynchronously with the pixel timing,
there is an uncertainty in this data valid output delay of one
PXCK period. This uncertainty does not apply to tDOZ.
Writing data to specific control registers of the TMC2192
requires that the 8 bit address of the control register of inter-
est be written prior to the data. This control register address
is the base address for subsequent write operations. The base
address auto increments by one for each byte of data written
after the data byte intended for the base address. If more
bytes are transferred than there are available addresses, the
address will not increment and remain at its maximum value
of 4Ch.
Writing data to specific OLUT location of the TMC2192
requires that the 8 bit address of the OLUT location of inter-
est be written prior to the data sequence. This OLUT loca-
tion address is the base address for subsequent write
operations. The base address auto increments by one for
each sequence of three (3) bytes of data written after the data
byte intended for the base address. The sequence of data
transfer is Y, Cb, Cr , after the Cr byte is transferred the base
address will increment by one (1).
Figure 23. Microprocessor Parallel Port – Write Timing
Figure 24. Microprocessor Parallel Port – Read Timing
Table 20. Parallel Port Control
A1-0
R/W
Action
00
0
Load D7-0 into Control Register
pointer (block 0)
00
1
Read Control Register pointer on
D7-0
01
0
Load D7-0 into addressed OLUT
Location pointer (block 0)
01
1
Read addressed OLUT Location
pointer on D7-0.
10
0
Write D7-0 to addressed Control
Register
10
1
Read addressed Control Register
on D7-0
11
0
Write D7-0 to addressed OLUT
Location
11
1
Read addressed OLUT Location on
D7-0
tPWLCS
tSA
tSD
tHA
tHD
tPWHCS
CS
65-6294-26
R/W
ADR
D7-0
tPWLCS
tSA
tDOM
tHA
tHOM
tDOZ
tPWHCS
CS
R/W
ADR
D7-0
65-6294-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com