Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4436ESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4436ESA
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4436ESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4436ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
HARMONIC DISTORTION
vs. RESISTIVE LOAD
RESISTIVE LOAD (
Ω)
0
1000
500
1500
2000
2500
VOUT = 1Vp-p
f = 500kHz
2ND HARMONIC
3RD HARMONIC
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
7
-110
-90
-100
-70
-80
-60
-50
0.1110
HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (MHz)
VOUT = 2Vp-p
2ND HARMONIC
3RD HARMONIC
-130
-110
-100
-120
-80
-90
-50
-60
-70
-40
HARMONIC DISTORTION
vs. OUTPUT SWING
OUTPUT SWING (Vp-p)
0
1.0
0.5
2.0
1.5
2.5
4.0
f = 500kHz
2ND HARMONIC
3RD HARMONIC
3.0
3.5
100
10
1
11k
10
100
10k
100k
1M
INPUT VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
10
1
11k
10
100
10k
100k
1M
INPUT CURRENT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
-120
-80
-100
-40
-60
-20
0
0.1
10
1
100
1000
MAX4436/MAX4437
CROSSTALK vs. FREQUENCY
FREQUENCY (MHz)
10
12
11
14
13
15
16
QUIESCENT CURRENT PER AMPLIFIER
vs. TEMPERATURE
TEMPERATURE (
°C)
-25
-50
0
25
50
75
100
5
8
7
6
9
10
11
12
13
14
15
-50
0
-25
255075
100
BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-50
0
-25
25
50
75
100
OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, RL = 500
Ω, CL = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com