Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4436ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4436ESA
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4436ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4436ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
_______________________________________________________________________________________
5
-0.7
-0.4
-0.5
-0.6
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
100k
1M
10M
100M
MAX4434/MAX4436
GAIN FLATNESS vs. FREQUENCY
(AVCL = +1V/V)
FREQUENCY (Hz)
2Vp-p
10M
MAX4435/MAX4437
GAIN FLATNESS vs. FREQUENCY
(AVCL = +5V/V)
0.3
-0.1
MAX4434-37 toc05
-0.3
-0.4
-0.5
-0.6
-0.7
-0.2
0.2
0.1
0
100k
1M
100M
1G
FREQUENCY (Hz)
-0.7
-0.4
-0.5
-0.6
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
100k
1M
10M
100M
MAX4435/MAX4437
GAIN FLATNESS vs. FREQUENCY
(AVCL = +5V/V)
FREQUENCY (Hz)
4Vp-p
MAX4434/MAX4436
LARGE-SIGNAL GAIN vs. FREQUENCY
(AVCL = +1V/V)
3
-1
MAX4434-37 toc07
-3
-4
-5
-6
-7
-2
2
1
0
100k
1M
10M
100M
FREQUENCY (Hz)
2Vp-p
-7
-4
-5
-6
-3
-2
-1
0
1
2
3
100k
1M
10M
100M
MAX4435/MAX4437
LARGE-SIGNAL GAIN vs. FREQUENCY
(AVCL = +5V/V)
FREQUENCY (Hz)
MAX4434/MAX4436
SMALL-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
20ns/div
AVCL = +1V/V
MAX4435/MAX4437
SMALL-SIGNAL PULSE RESPONSE
INPUT
10mV/div
OUTPUT
50mV/div
20ns/div
AVCL = +5V/V
MAX4434/MAX4436
LARGE-SIGNAL PULSE RESPONSE
INPUT
1V/div
OUTPUT
1V/div
20ns/div
AVCL = +1V/V
MAX4435/MAX4437
LARGE-SIGNAL PULSE RESPONSE
INPUT
200mV/div
OUTPUT
1V/div
20ns/div
AVCL = +5V/V
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, RL = 500
Ω, CL = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com