Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4436ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4436ESA
Description  Single-Supply, 150MHz, 16-Bit Accurate, Ultra-Low Distortion Op Amps
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4436ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4436ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4436ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Single-Supply, 150MHz, 16-Bit Accurate,
Ultra-Low Distortion Op Amps
6
_______________________________________________________________________________________
MAX4435/MAX4437
SMALL-SIGNAL PULSE RESPONSE
INPUT
10mV/div
OUTPUT
50mV/div
20ns/div
AV = +5V/V
CL = 15pF
MAX4434/MAX4436
SMALL-SIGNAL PULSE RESPONSE
INPUT
50mV/div
OUTPUT
50mV/div
20ns/div
AVCL = +1V/V
CL = 15pF
MAX4434/MAX4436
LARGE-SIGNAL PULSE RESPONSE
INPUT
1V/div
OUTPUT
1V/div
20ns/div
AVCL = +1V/V
CL = 30pF
MAX4435/MAX4437
LARGE-SIGNAL PULSE RESPONSE
INPUT
200mV/div
OUTPUT
1V/div
20ns/div
AVCL = +5V/V
CL = 30pF
-110
-90
-50
-70
-30
-10
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
0.1
10
1100
-100
-70
-80
-90
-60
-50
-40
-30
-20
-10
0
0.1
10
1
100
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
0
4
2
8
6
10
12
0
100
50
150
200
OUTPUT ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
MAX4434/MAX4436
MAX4435/MAX4437
100
10
1
0.1
0.01
0.1
10
1
100
1000
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (MHz)
-60
-30
-40
-50
-20
-10
0
10
20
30
40
50
60
70
-270
-135
-180
-225
-90
-45
0
45
90
135
180
225
270
315
GAIN AND PHASE vs. FREQUENCY
MAX4434-37 toc21
FREQUENCY (Hz)
10k
1M
100k
10M
100M
1G
GAIN
PHASE
AVCL = 1000V/V
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, RL = 500
Ω, CL = 0, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com