Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUD44D2 Datasheet(PDF) 7 Page - Motorola, Inc

Part # BUD44D2
Description  POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUD44D2 Datasheet(HTML) 7 Page - Motorola, Inc

Back Button BUD44D2 Datasheet HTML 2Page - Motorola, Inc BUD44D2 Datasheet HTML 3Page - Motorola, Inc BUD44D2 Datasheet HTML 4Page - Motorola, Inc BUD44D2 Datasheet HTML 5Page - Motorola, Inc BUD44D2 Datasheet HTML 6Page - Motorola, Inc BUD44D2 Datasheet HTML 7Page - Motorola, Inc BUD44D2 Datasheet HTML 8Page - Motorola, Inc BUD44D2 Datasheet HTML 9Page - Motorola, Inc BUD44D2 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
BUD44D2
7
Motorola Bipolar Power Transistor Device Data
TYPICAL SWITCHING CHARACTERISTICS
Figure 15. Inductive Fall Time
700
0
15
9
3
hFE, FORCED GAIN
Figure 16. Inductive Crossover Time
1000
400
0
15
6
3
hFE, FORCED GAIN
12
800
600
200
500
Figure 17. Inductive Switching, tfi
900
600
0
2
1.2
0.4
IC, COLLECTOR CURRENT (AMPS)
Figure 18. Inductive Switching, tc
2000
0
2
0.8
0.4
IC, COLLECTOR CURRENT (AMPS)
1.6
1500
1000
500
700
800
500
400
TJ = 125°C
TJ = 25°C
IC/IB = 20
1.2
Figure 19. Inductive Storage Time, tsi
3000
0
3
1
0
IC, COLLECTOR CURRENT (AMPS)
Figure 20. Inductive Storage Time, tsi
3000
1500
500
2
0.5
0
IC, COLLECTOR CURRENT (AMPS)
1.5
2500
1000
2000
1000
1
0.5
1.5
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
600
400
300
200
100
5
7
11
13
TJ = 125°C
TJ = 25°C
IC = 0.3 A
IC = 1 A
IBoff = IBon
VCC = 15 V
VZ = 300 V
LC = 200 µH
9
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IC = 1 A
IC = 0.3 A
300
200
100
0.8
1.6
IC/IB = 10
IBon = IBoff
VCC = 15 V
VZ = 300 V
LC = 200 µH
TJ = 125°C
TJ = 25°C
IBoff = IC/2
VCC = 15 V
VZ = 300 V
LC = 200 µH
IC/IB = 20
IC/IB = 10
2
2.5
IC/IB = 5
IB = 50 mA
IB = 100 mA
IB = 200 mA
IB = 500 mA
2000
IC/IB = 20
IC/IB = 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com