Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUD44D2 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BUD44D2
Description  POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUD44D2 Datasheet(HTML) 3 Page - Motorola, Inc

  BUD44D2 Datasheet HTML 1Page - Motorola, Inc BUD44D2 Datasheet HTML 2Page - Motorola, Inc BUD44D2 Datasheet HTML 3Page - Motorola, Inc BUD44D2 Datasheet HTML 4Page - Motorola, Inc BUD44D2 Datasheet HTML 5Page - Motorola, Inc BUD44D2 Datasheet HTML 6Page - Motorola, Inc BUD44D2 Datasheet HTML 7Page - Motorola, Inc BUD44D2 Datasheet HTML 8Page - Motorola, Inc BUD44D2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUD44D2
3
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
DYNAMIC SATURATION VOLTAGE
Dynamic Saturation
Voltage:
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 0.4 A
IB1 = 40 mA
VCC = 300 V
@ 1
µs
@ TC = 25°C
@ TC = 125°C
VCE(dsat)
3.3
6.8
V
Dynamic Saturation
Voltage:
Determined 1
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IB1 = 40 mA
VCC = 300 V
@ 3
µs
@ TC = 25°C
@ TC = 125°C
0.5
1.3
µs and
3
µs respectively after
rising IB1 reaches
90% of final IB1
IC = 1 A
IB1 = 0.2 A
VCC = 300 V
@ 1
µs
@ TC = 25°C
@ TC = 125°C
4.4
12.8
90% of final IB1
IB1 = 0.2 A
VCC = 300 V
@ 3
µs
@ TC = 25°C
@ TC = 125°C
0.5
1.8
DYNAMIC CHARACTERISTICS
Current Gain Bandwidth
(IC = 0.5 Adc, VCE = 10 Vdc, f = 1 MHz)
fT
13
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1 MHz)
Cob
50
75
pF
Input Capacitance
(VEB = 8 Vdc)
Cib
240
500
pF
SWITCHING CHARACTERISTICS: Resistive Load (D.C.
≤ 10%, Pulse Width = 40 µs)
Turn–on Time
IC = 1 Adc, IB1 = 0.2 Adc
IB2 = 0.5 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
ton
90
105
150
ns
Turn–off Time
IB2 = 0.5 Adc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
1.1
1.5
1.25
µs
Turn–on Time
IC = 0.5 Adc, IB1 = 50 mAdc
IB2 = 250 mAdc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
ton
400
600
600
ns
Turn–off Time
IB2 = 250 mAdc
VCC = 300 Vdc
@ TC = 25°C
@ TC = 125°C
toff
750
1300
1000
ns
SWITCHING CHARACTERISTICS: Inductive Load (Vclamp = 300 V, VCC = 15 V, L = 200 µH)
Fall Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tf
110
105
150
ns
Storage Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
ts
0.55
0.7
0.75
µs
Crossover Time
IB2 = 0.2 Adc
@ TC = 25°C
@ TC = 125°C
tc
85
80
150
ns
Fall Time
IC = 1 Adc
IB1 = 0.2 Adc
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tf
100
90
150
ns
Storage Time
IC = 1 Adc
IB1 = 0.2 Adc
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
ts
1.05
1.45
1.5
µs
Crossover Time
IB2 = 0.5 Adc
@ TC = 25°C
@ TC = 125°C
tc
100
100
175
ns
Fall Time
IC = 0.8 Adc
IB1 = 160 mAdc
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
tf
110
180
150
ns
Storage Time
IC = 0.8 Adc
IB1 = 160 mAdc
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
ts
2.05
2.8
2.35
µs
Crossover Time
IB2 = 160 mAdc
@ TC = 25°C
@ TC = 125°C
tc
180
400
300
ns
Fall Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
tf
150
175
225
ns
Storage Time
IC = 0.4 Adc
IB1 = 40 mAdc
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
ts
1.65
2.2
1.95
µs
Crossover Time
IB2 = 40 mAdc
@ TC = 25°C
@ TC = 125°C
tc
150
330
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com