Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUD44D2 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BUD44D2
Description  POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BUD44D2 Datasheet(HTML) 1 Page - Motorola, Inc

  BUD44D2 Datasheet HTML 1Page - Motorola, Inc BUD44D2 Datasheet HTML 2Page - Motorola, Inc BUD44D2 Datasheet HTML 3Page - Motorola, Inc BUD44D2 Datasheet HTML 4Page - Motorola, Inc BUD44D2 Datasheet HTML 5Page - Motorola, Inc BUD44D2 Datasheet HTML 6Page - Motorola, Inc BUD44D2 Datasheet HTML 7Page - Motorola, Inc BUD44D2 Datasheet HTML 8Page - Motorola, Inc BUD44D2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola Bipolar Power Transistor Device Data
Advance Information
High Speed, High Gain Bipolar
NPN Power Transistor with
Integrated Collector-Emitter
Diode and Built-in Efficient
Antisaturation Network
The BUD44D2 is state–of–art High Speed High gain BIPolar transistor (H2BIP).
High dynamic characteristics and lot to lot minimum spread (
±150 ns on storage time)
make it ideally suitable for light ballast applications. Therefore, there is no need to
guarantee an hFE window.
Main features:
• Low Base Drive Requirement
• High Peak DC Current Gain (55 Typical) @ IC = 100 mA
• Extremely Low Storage Time Min/Max Guarantees Due to the
H2BIP Structure which Minimizes the Spread
• Integrated Collector–Emitter Free Wheeling Diode
• Fully Characterized and Guaranteed Dynamic VCE(sat)
• “6 Sigma” Process Providing Tight and Reproductible Parameter Spreads
It’s characteristics make it also suitable for PFC application.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Sustaining Voltage
VCEO
400
Vdc
Collector–Base Breakdown Voltage
VCBO
700
Vdc
Collector–Emitter Breakdown Voltage
VCES
700
Vdc
Emitter–Base Voltage
VEBO
12
Vdc
Collector Current — Continuous
— Peak (1)
IC
ICM
2
5
Adc
Base Current — Continuous
Base Current — Peak (1)
IB
IBM
1
2
Adc
*Total Device Dissipation @ TC = 25_C
*Derate above 25
°C
PD
25
0.2
Watt
W/
_C
Operating and Storage Temperature
TJ, Tstg
– 65 to 150
_C
THERMAL CHARACTERISTICS
Thermal Resistance
— Junction to Case
— Junction to Ambient
R
θJC
R
θJA
5
71.4
_C/W
Maximum Lead Temperature for Soldering
Purposes: 1/8
″ from case for 5 seconds
TL
260
_C
(1) Pulse Test: Pulse Width = 5 ms, Duty Cycle
≤ 10%.
Designer’s and SWITCHMODE are trademarks of Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by BUD44D2/D
© Motorola, Inc. 1995
BUD44D2
CASE 369–07
POWER TRANSISTORS
2 AMPERES
700 VOLTS
25 WATTS
CASE 369A–13
MINIMUM PAD SIZES
RECOMMENDED FOR
SURFACE MOUNTED
APPLICATIONS
6.7
0.265
1.6
0.063
2.3
0.090
2.3
0.090
1.6
0.063


Similar Part No. - BUD44D2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUD42D ONSEMI-BUD42D Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42D ONSEMI-BUD42D Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
BUD42D-1 ONSEMI-BUD42D-1 Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4 ONSEMI-BUD42DT4 Datasheet
193Kb / 14P
High Speed, High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability
August, 2003 ??Rev. 2
BUD42DT4G ONSEMI-BUD42DT4G Datasheet
184Kb / 12P
High Speed, High Gain Bipolar NPN Transistor
January, 2011 ??Rev. 5
More results

Similar Description - BUD44D2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUD43B MOTOROLA-BUD43B Datasheet
112Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 25 WATTS
BUL43B MOTOROLA-BUL43B Datasheet
98Kb / 4P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 40 WATTS
BUL44D2 MOTOROLA-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
BUL45D2 MOTOROLA-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
MJD200 MOTOROLA-MJD200 Datasheet
236Kb / 6P
SILICON POWER TRANSISTORS 5 AMPERES 25 VOLTS 12.5 WATTS
MJE18002D2 MOTOROLA-MJE18002D2 Datasheet
152Kb / 4P
POWER TRANSISTORS 2 AMPERES 1000 VOLTS 50 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
BUL44D2 ONSEMI-BUL44D2 Datasheet
504Kb / 12P
POWER TRANSISTORS 2 AMPERES 700 VOLTS 50 WATTS
1995
BUL45D2 ONSEMI-BUL45D2 Datasheet
444Kb / 12P
POWER TRANSISTORS 5 AMPERES 700 VOLTS 75 WATTS
1995
BUL42D ONSEMI-BUL42D Datasheet
176Kb / 12P
4 AMPERES 700 VOLTS 75 WATTS POWER TRANSISTOR
April, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com