Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9657 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9657 Datasheet HTML 3Page - Maxim Integrated Products MAX9657 Datasheet HTML 4Page - Maxim Integrated Products MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products MAX9657 Datasheet HTML 10Page - Maxim Integrated Products MAX9657 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
_______________________________________________________________________________________
7
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 50mVP-P
NOTE: GAIN IS NORMALIZED TO 0dB
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 50mVP-P
NOTE: GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
-50
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-6
-5
-4
-3
-2
-1
0
1
2
3
-7
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO CROSSTALK
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-100
-80
-60
-40
-20
0
-120
100k
100M
ALL-HOSTILE
1 ADJACENT CHANNEL
2 ADJACENT CHANNELS
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO GROUP DELAY DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
20
30
40
50
60
80
10
70
90
100
110
120
0
100k
100M
VIN = 1VP-P
NOTE: GAIN IS NORMALIZED TO 0dB
VIDEO PSRR
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-70
-60
-50
-40
-30
-20
-10
0
-80
100k
100M
VDD = 3.3V + 100mVP-P
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
1.96
-50
125
DIFFERENTIAL GAIN AND PHASE
1
03
24
5
0.6
0.8
0.4
0.2
0
-0.2
-0.4
0
0.1
-0.1
-0.2
-0.3
-0.4
-0.5
1
03
24
5
f = 3.58MHz
f = 3.58MHz
Typical Operating Characteristics (MAX9658) (continued)
(VDD = 3.3V, VGND = 0, VSHDN = VDD, RL = 150Ω to GND, TA = +25°C.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com