Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9657 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9657 Datasheet HTML 1Page - Maxim Integrated Products MAX9657 Datasheet HTML 2Page - Maxim Integrated Products MAX9657 Datasheet HTML 3Page - Maxim Integrated Products MAX9657 Datasheet HTML 4Page - Maxim Integrated Products MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
_______________________________________________________________________________________
5
VIDEO PSRR
vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
-70
-60
-50
-40
-30
-20
-10
0
-80
100k
100M
VDD = 3.3V + 100mVP-P
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
-25
0
25
50
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
1.96
-50
125
DIFFERENTIAL GAIN AND PHASE
1
03
24
5
0.6
0.8
0.4
0.2
0
-0.2
-0.4
0.05
0.10
0
-0.05
-0.10
-0.15
-0.20
1
03
24
5
f = 3.58MHz
f = 3.58MHz
Typical Operating Characteristics (MAX9657) (continued)
(VDD = 3.3V, VGND = 0, VSHDN = VDD, RL = 150Ω to GND, TA = +25°C.)
DIFFERENTIAL GAIN AND PHASE
1
03
24
5
0.6
0.8
0.4
0.2
0
-0.2
-0.4
0.05
0.10
0
-0.05
-0.10
-0.15
-0.25
1
03
24
5
f = 4.43MHz
f = 4.43MHz
100ns/div
2T RESPONSE
IN
200mV/div
MAX9657 toc11
OUT
400mV/div
400ns/div
12.5T RESPONSE
IN
200mV/div
MAX9657 toc12
OUT
400mV/div
10
μs/div
NTC-7 VIDEO TEST SIGNAL
IN
500mV/div
MAX9657 toc13
OUT
1V/div
2ms/div
FIELD SQUARE WAVE
IN
500mV/div
MAX9657 toc14
OUT
1V/div
PULSE RESPONSE
TIME (100ns/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com