Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9657 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9657
Description  Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9657 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9657 Datasheet HTML 1Page - Maxim Integrated Products MAX9657 Datasheet HTML 2Page - Maxim Integrated Products MAX9657 Datasheet HTML 3Page - Maxim Integrated Products MAX9657 Datasheet HTML 4Page - Maxim Integrated Products MAX9657 Datasheet HTML 5Page - Maxim Integrated Products MAX9657 Datasheet HTML 6Page - Maxim Integrated Products MAX9657 Datasheet HTML 7Page - Maxim Integrated Products MAX9657 Datasheet HTML 8Page - Maxim Integrated Products MAX9657 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9657 is a small, low-power, quad video ampli-
fier with input sync-tip clamps. It features a bandwidth
of 15MHz, making it suitable for not only standard-defi-
nition video signals, but also video graphics array
(VGA) signals with a 640 x 480 resolution at up to 85Hz
refresh rate.
The MAX9658 is a quad video amplifier with integrated
lowpass filters and input sync-tip clamps. The lowpass
filters typically have ±1dB passband flatness out to
9.5MHz and 47dB attenuation at 27MHz. Specially suit-
ed for composite video signals, the MAX9658 is ideal
for performing anti-alias filtering at the inputs of a digital
video recorder or for performing reconstruction filtering
at the outputs of a SCART set-top box.
Both devices require that the incoming video signals be
AC-coupled to the inputs. The input sync-tip clamps set
the internal DC level of the video signals.
The amplifiers have 2V/V gain, and the outputs can be
DC-coupled to a 75
Ω load, which is the equivalent of
two video loads, or AC-coupled to a 150
Ω load.
Both the MAX9657/MAX9658 feature a low-power shut-
down mode, in which supply current is reduced to
35µA.
The MAX9657/MAX9658 operate from a single 2.7V to
3.6V supply, are specified over the -40°C to +125°C
automotive temperature range, and are offered in a
small, 16-pin QSOP package.
Applications
Set-Top Boxes
Digital Video Recorders
Features
♦ Quad Channel
♦ 9.5MHz, ±1dB Passband (MAX9658)
♦ 47dB Attenuation at 27MHz (MAX9658)
♦ Fixed Gain of 2V/V
♦ Low Power: 21mA
♦ 2.7V to 3.6V Single-Supply Operation
Quad Video (Filter) Amplifiers with Input
Sync-Tip Clamps
________________________________________________________________
Maxim Integrated Products
1
19-4453; Rev 0; 2/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Typical Application Circuits and Pin Configuration appear
at end of data sheet.
UNKNOWN
BIAS
300mV
AV = 2V/V
LPF*
CLAMPREF
OUT0
IN0
AV = 2V/V
LPF*
CLAMPREF
OUT1
IN1
AV = 2V/V
LPF*
CLAMPREF
OUT2
IN2
*LOWPASS FILTER IN MAX9658 ONLY.
AV = 2V/V
LPF*
CLAMPREF
OUT3
IN3
SHDN
MAX9657/MAX9658
GND
Functional Diagram
Ordering Information
PART
PIN-PACKAGE
STANDARD-DEFINITION
VIDEO FILTER
MAX9657AEE+
16 QSOP
No
MAX9658AEE+
16 QSOP
Yes
Note: All devices are specified over the -40°C to +125°C oper-
ating temperature range.
+Denotes a lead(Pb)-free/RoHS-compliant package.


Similar Part No. - MAX9657

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
118Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
MAX9657EVKIT MAXIM-MAX9657EVKIT Datasheet
118Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
MAX9657EVKIT+ MAXIM-MAX9657EVKIT+ Datasheet
118Kb / 6P
Fully Assembled and Tested
Rev 0; 2/09
More results

Similar Description - MAX9657

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
MAX9586 MAXIM-MAX9586 Datasheet
413Kb / 18P
Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 3; 6/07
MAX9583 MAXIM-MAX9583 Datasheet
339Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 3; 7/07
MAX9583_0710 MAXIM-MAX9583_0710 Datasheet
336Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
MAX9586_0710 MAXIM-MAX9586_0710 Datasheet
428Kb / 18P
Single, Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with AC-Coupled Input Buffers
Rev 5; 10/07
MAX4090 MAXIM-MAX4090_05 Datasheet
729Kb / 15P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 3; 9/05
MAX4090 MAXIM-MAX4090_09 Datasheet
389Kb / 17P
3V/5V, 6dB Video Buffer with Sync-Tip Clamp and 150nA Shutdown Current
Rev 4; 11/09
logo
Analog Devices
ADA4432-1 AD-ADA4432-1 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
logo
Maxim Integrated Produc...
MAX9584AUA MAXIM-MAX9584AUA Datasheet
342Kb / 15P
Dual, Triple, and Quad Standard-Definition Video Filter Amplifiers with DC-Coupled Input Buffers
Rev 5; 10/07
logo
Elantec Semiconductor
EL4421C ELANTEC-EL4421C Datasheet
294Kb / 16P
Multiplexed-Input Video Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com