Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11080 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11080 Datasheet HTML 1Page - Maxim Integrated Products MAX11080 Datasheet HTML 2Page - Maxim Integrated Products MAX11080 Datasheet HTML 3Page - Maxim Integrated Products MAX11080 Datasheet HTML 4Page - Maxim Integrated Products MAX11080 Datasheet HTML 5Page - Maxim Integrated Products MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
_______________________________________________________________________________________
5
Pin Description
PIN
NAME
FUNCTION
1
DCIN
DC Power-Supply Input. DCIN supplies the internal 3.3V regulator. This pin should be connected as shown
in the application diagrams.
2HV
High-Voltage Bias. HV is biased by the output of the charge pump to provide a DC supply above the DCIN
level. It is used internally to bias the cell-comparator circuitry. Bypass to DCIN with a 1µF capacitor.
3, 33
N.C.
No Connection
4
C12
Cell 12 Plus Connection. Top of battery module stack.
5
C11
Cell 12 Minus Connection and Cell 11 Plus Connection
6
C10
Cell 11 Minus Connection and Cell 10 Plus Connection
7
C9
Cell 10 Minus Connection and Cell 9 Plus Connection
8
C8
Cell 9 Minus Connection and Cell 8 Plus Connection
9
C7
Cell 8 Minus Connection and Cell 7 Plus Connection
10
C6
Cell 7 Minus Connection and Cell 6 Plus Connection
11
C5
Cell 6 Minus Connection and Cell 5 Plus Connection
12
C4
Cell 5 Minus Connection and Cell 4 Plus Connection
13
C3
Cell 4 Minus Connection and Cell 3 Plus Connection
14
C2
Cell 3 Minus Connection and Cell 2 Plus Connection
15
C1
Cell 2 Minus Connection and Cell 1 Plus Connection
16
C0
Cell 1 Minus Connection
17
UVSEL0
18
UVSEL1
19
UVSEL2
Undervoltage Threshold Select 2 to 0. Used to select one of eight undervoltage alarm threshold settings.
The parts have internal pulldown; these pins should only be tied to VAA or AGND to set the logic state.
20
OVSEL0
21
OVSEL1
22
OVSEL2
23
OVSEL3
Overvoltage Threshold Select 3 to 0. Used to select one of 16 overvoltage alarm threshold settings.
The parts have internal pulldown; these pins should only be tied to VAA or AGND to set the logic state.
24
VAA
+3.3V Analog Supply Output. Bypass with a 1µF capacitor to AGND.
25, 29,
30, 32
AGND
Analog Ground. Should be connected to the negative terminal of cell 1.
26
SHDN
Active-Low Shutdown Input. This pin completely shuts down the MAX11080 internal regulator and
oscillators when the pin is less than 0.6V as referenced to AGND. The host controller should drive SHDN for
the first pack. SHDN for daisy-chained modules should be connected to the lower neighboring module’s
VDDU through a 20k
Ω series resistor.
27
ALRML
Lower Port Alarm Output. This output is an alarm indicator for overvoltage, undervoltage, and setup faults.
The alarm signal is daisy chained and driven from the highest module down to the lowest. The alarm output
is nominally a clocked “heartbeat” signal that provides a 4kHz clock when no alarm is present. The ALRML
can also be configured as level signal and set to “low” for no alarm and “high” for alarm state. See the
TOPSEL Function section for details. This signal swings between VAA and AGND, and is active high in the
alarm state.
28
CD
Programmable Delay Time. Connect a capacitor from this pin to AGND to set the hold time required for a
fault condition before the alarm is set. The capacitor should be a ceramic capacitor in the 15nF to 16.5µF
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com