Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11080 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11080
Description  12-Channel, High-Voltage Battery-Pack Fault Monitor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11080 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11080 Datasheet HTML 2Page - Maxim Integrated Products MAX11080 Datasheet HTML 3Page - Maxim Integrated Products MAX11080 Datasheet HTML 4Page - Maxim Integrated Products MAX11080 Datasheet HTML 5Page - Maxim Integrated Products MAX11080 Datasheet HTML 6Page - Maxim Integrated Products MAX11080 Datasheet HTML 7Page - Maxim Integrated Products MAX11080 Datasheet HTML 8Page - Maxim Integrated Products MAX11080 Datasheet HTML 9Page - Maxim Integrated Products MAX11080 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
12-Channel, High-Voltage Battery-Pack
Fault Monitor
6
_______________________________________________________________________________________
Pin Description (continued)
PIN
NAME
FUNCTION
31
TOPSEL
Input to Indicate Topmost Device in the Daisy Chain. This pin should be connected to AGND for all devices
except the topmost. For the top device, this pin should be connected to VAA.
34
ALRMU
Upper Port Alarm Input. This input receives the ALRML output signal from an upper neighboring module. It
swings between VDDU and GNDU.
35
GNDU
Level-Shifted Upper Port Ground. Upper port-supply return and supply input for the charge pump and HV
supplies. This pin should be connected to the DCIN takeoff point on the battery stack as shown in the
application diagrams.
36
VDDU
Level-Shifted Upper Port Supply. Upper port-supply output for the daisy-chained bus. This is a regulated
output voltage from the internal charge pump that is level-shifted above the DCIN pin voltage level. It
should be bypassed with a 1µF capacitor to GNDU.
37, 38
CP-, CP+
Charge-Pump Capacitor. Negative/positive input for the internal charge pump. Connect a 0.01µF high-
voltage capacitor between CP+ and CP-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com