Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040F-60/XT Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS29F040F-60/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-60/XT Datasheet(HTML) 1 Page - Austin Semiconductor

  AS29F040F-60/XT Datasheet HTML 1Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 2Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 3Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 4Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 5Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 6Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 7Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 8Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
1
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
512K x 8 FLASH
UNIFORM SECTOR 5.0V FLASH MEMORY
AVAILABLE AS MILITARY
SPECIFICATIONS
• MIL-STD-883
• SMD 5962-96692
FEATURES
• Single 5.0V ±10% power supply operation
• Fastest access times: 55, 60, 70, 90, 120, & 150ns
• Low power consumption:
20 mA typical active read current
30 mA typical program/erase current
1 µA typical standby current (standard access time to
active mode)
• Flexible sector architecture
Eight uniform 64 Kbyte each
Any combination of sectors can be erased
Supports full chip erase
• Sector protection
• Embedded Algorithms Erase & Program Algorithms
• Erase Suspend/Resume
• Minimum 1,000,000 Program/Erase Cycles per sector
guaranteed
• Compatible with JEDEC standards
Pinout and software compatible with single-power-
supply FLASH
• Data\ Polling and Toggle Bits
• 20-year data retention at 125°C
For more products and information
please visit our web site at
www.austinsemiconductor.com
PIN ASSIGNMENT
(Top View)
32-PIN Ceramic DIP (CW)
32-pin Flatpack (F)
32-pin Lead Formed Flatpack (DCG)
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
WE\
A17
A14
A13
A8
A9
A11
OE\
A10
CE\
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
OPTIONS
MARKING
• Timing
55ns
-55
60ns
-60
70ns
-70
90ns
-90
120ns
-120
150ns
-150
OPTIONS
MARKING
• Package Type
Ceramic DIP (600 mil)
CW
Flatpack
F
Lead Formed Flatpack
DCG
Leadless Chip Carrier
ECA
• Temperature Ranges
Industrial Temperature (-40°C to +85°C) IT
Military Temperature (-55°C to +125°C) XT**
883C Processing (-55°C to +125°C)
883C
QML Processing (-55°C to +125°C)
Q
4 3 2
32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE\
A10
CE\
I/O 7
1
32-PAD Ceramic LCC (ECA)


Similar Part No. - AS29F040F-60/XT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
logo
Micross Components
AS29F040 MICROSS-AS29F040 Datasheet
598Kb / 27P
Sector protection
logo
Alliance Semiconductor ...
AS29F040-120LC ALSC-AS29F040-120LC Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120LI ALSC-AS29F040-120LI Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
AS29F040-120TC ALSC-AS29F040-120TC Datasheet
341Kb / 18P
5V 512K x 8 CMOS FLASH EEPROM
More results

Similar Description - AS29F040F-60/XT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29040 AMICC-A29040 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A Datasheet
405Kb / 30P
512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Austin Semiconductor
AS29F010 AUSTIN-AS29F010 Datasheet
530Kb / 26P
128K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
logo
AMIC Technology
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
Uniform Sector Flash Memory
A29010A AMICC-A29010A Datasheet
351Kb / 30P
Uniform Sector Flash Memory
A29040C AMICC-A29040C Datasheet
391Kb / 29P
Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com