Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040F-60/XT Datasheet(PDF) 2 Page - Austin Semiconductor

Part # AS29F040F-60/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-60/XT Datasheet(HTML) 2 Page - Austin Semiconductor

  AS29F040F-60/XT Datasheet HTML 1Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 2Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 3Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 4Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 5Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 6Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 7Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 8Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
2
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
GENERAL DESCRIPTION
The AS29F040 is a 4Mbit, 5.0 Volt-only FLASH memory
organized as 524,288 Kbytes of 8 bits each. The 512 Kbytes of
data are divided into eight sectors of 64 Kbytes each for flexible
erase capability. The 8 bits of data appear on DQ0-DQ7. The
device is designed to be programmed in-system with the
standard system 5.0 Volt V
CC
supply. A 12.0 volt V
PP
is not
required for write or erase operations. The device can also be
programmed in standard EPROM programmers.
This device is manufactured using 0.32 µm process
technology. In addition, it has a second toggle bit, DQ2, and
offers the ability to program in the Erase Suspend mode.
It is available with access times of 55, 60, ^+^+6=70, 90, 120,
and 150ns, allowing high-speed microprocessors to operate with-
out wait states. To eliminate bus contention the device has
separate chip enable (CE\), write enable (WE\), and output en-
able (OE\) controls.
The device requires only a single 5.0 volt power supply for
both read and write functions. Internally generated and
regulated voltages are provided for the program and erase
operations.
The device is entirely command set compatible with the
JEDEC single-power-supply FLASH standard. Commands are
written to the command register using standard microprocessor
write timings. Register contents serve as input to an internal
state-machine that controls the erase and programming circuitry.
Write cycles also internally latch addresses and data needed for
the programming and erase operations. Reading data out of the
device is similar to reading from other FLASH or EPROM
devices.
Device programming occurs by executing the program
command sequence. This invokes the Embedded Program
algorithm -- an internal algorithm that automatically times the
program pulse widths and verifies proper cell margin.
Device erasure occurs by executing the erase command
sequence. This invokes the Embedded Erase algorithm -- an
internal algorithm that automatically preprograms the array (if it
is not already programmed) before executing the erase
operation. During erase, the device automatically times the
erase pulse widths and verifies proper cell margin.
The host system can detect whether a program or erase
operation is complete by reading the DQ7 (Data\Polling) and
DQ6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or accept
another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data contents
of other sectors. The device is fully erased when shipped from
the factory.
The hardware data protection measures include a low V
CC
detector that automatically inhibits write operations during
power transitions. The hardware sector protection feature
disables both program and erase operations in any
combination of the sectors of memory. This can be achieved
via programming equipment.
The erase suspect feature enables the user to put erase on
hold for any period of time to read data from, or program data to,
any sector that is not selected for erasure. True background
erase can thus be achieved.
The system can place the device into the standby mode.
Power consumption is greatly reduced in this mode. The
device electrically erases all bits within a sector simultaneously
via Fowler-Nordheim tunneling. The data is programmed using
hot electron injection.
PIN CONFIGURATION
LOGIC SYMBOL
PIN
DESCRIPTION
A0 - A18
Address Inputs
DQ0 - DQ7 Data Inputs/Outputs
CE\
Chip Enable
OE\
Output Enable
WE\
Write Enable
VCC
+5V Single Power Supply
VSS
Device Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com