Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040F-60/XT Datasheet(PDF) 13 Page - Austin Semiconductor

Part # AS29F040F-60/XT
Description  512K x 8 FLASH UNIFORM SECTOR 5.0V FLASH MEMORY
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS29F040F-60/XT Datasheet(HTML) 13 Page - Austin Semiconductor

Back Button AS29F040F-60/XT Datasheet HTML 9Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 10Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 11Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 12Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 13Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 14Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 15Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 16Page - Austin Semiconductor AS29F040F-60/XT Datasheet HTML 17Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
FLASH
FLASH
FLASH
FLASH
FLASH
AS29F040
AustinSemiconductor,Inc.reservestherighttochangeproductsorspecificationswithoutnotice.
13
AS29F040
Rev. 2.2 09/07
Austin Semiconductor, Inc.
*Stresses greater than those listed under "Absolute Maximum Ratings"
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operation section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
ABSOLUTE MAXIMUM RATINGS*
Ambient Temperature with PowerApplied............-55°C to +125°C
Voltage with Respect to Ground
V
CC
1.................................................................-2.0Vto+7.0V
A9, OE\
2........................................................-2.0Vto+12.5V
All other pins
1...............................................-2.0V to +7.0V
V
CC
Supply Voltage (±10%)..........................................-4.5V to +5.5V
Output Short Circuit Current
3..................................................200mA
Storage Temperature..................................................-65°C to +125°C
NOTES:
1. Minimum DC voltage on input or I/O pin is -0.5V. During voltage transitions, input
may overshoot V
SS
to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC voltage
on input and I/O pins is V
CC
+ 0.5V. During voltage transitions, input and I/O pins may
overshoot V
CC
+ 2.0V for periods up to 20ns. See Figure 6.
2. Minimum DC voltage on A9 pin is -0.5V. During voltage transitions, A9 and OE\ pins
may overshoot V
SS
to -2.0V for periods of up to 20ns. See Figure 5. Maximum DC input
voltage on A9 and OE\ is +12.5V which may overshoot to 13.5V for periods up to 20ns.
3. No more than one output shorted to ground at a time. Duration of the short circuit
should not be greater than one second.
FIGURE 5: Maximum Negative
Overshoot Waveform
FIGURE 6: Maximum Positive
Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com