Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547BCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 41Page - Analog Devices AD9547BCPZ Datasheet HTML 42Page - Analog Devices AD9547BCPZ Datasheet HTML 43Page - Analog Devices AD9547BCPZ Datasheet HTML 44Page - Analog Devices AD9547BCPZ Datasheet HTML 45Page - Analog Devices AD9547BCPZ Datasheet HTML 46Page - Analog Devices AD9547BCPZ Datasheet HTML 47Page - Analog Devices AD9547BCPZ Datasheet HTML 48Page - Analog Devices AD9547BCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 104 page
background image
AD9547
Rev. 0 | Page 45 of 104
At power-up, the multifunction pins can be used to force the device
into certain configurations as defined in the Initial M0 to M7 Pin
Programming section. This functionality, however, is valid only
during power-up or following a reset, after which the pins can
be reconfigured via the serial programming port or via the
EEPROM.
IRQ PIN
The AD9547 has a dedicated interrupt request (IRQ) pin. The
IRQ pin output mode register (Register 0x0208, Bits[1:0]) controls
how the IRQ pin asserts an interrupt based on the value of the
two bits, as shown in Table 26.
Table 26. IRQ Pin Control—Register 0x0208, Bits[1:0]
Setting
Description
00
The IRQ pin is high impedance when deasserted and
active low when asserted and requires an external
pull-up resistor (this is the default operating mode).
01
The IRQ pin is high impedance when deasserted and
active high when asserted and requires an external
pull-down resistor.
10
The IRQ pin is Logic 0 when deasserted and Logic 1
when asserted.
11
The IRQ pin is Logic 1 when deasserted and Logic 0
when asserted.
The AD9547 asserts the IRQ pin when any of the bits in the IRQ
monitor registers (Address 0x0D02 to Address 0x0D09) are
Logic 1. Each bit in these registers is associated with an internal
function that is capable of producing an interrupt. Furthermore,
each bit of the IRQ monitor register is the result of a logical AND
of the associated internal interrupt signal and the corresponding
bit in the IRQ mask register (Address 0x0209 to Address 0x0210).
That is, the bits in the IRQ mask register have a one-to-one cor-
respondence with the bits in the IRQ monitor register. When an
internal function produces an interrupt signal and the associated
IRQ mask bit is set, the corresponding bit in the IRQ monitor
register is set.
The user should be aware that clearing a bit in the IRQ mask
register removes only the mask associated with the internal
interrupt signal. It does not clear the corresponding bit in the
IRQ monitor register.
The IRQ pin is the result of a logical OR of all the IRQ monitor
register bits. Thus, the AD9547 asserts the IRQ pin as long as any of
the IRQ monitor register bits are Logic 1. Note that it is possible
to have multiple bits set in the IRQ monitor register. Therefore,
when the AD9547 asserts the IRQ pin, it may indicate an interrupt
from several different internal functions. The IRQ monitor register
provides the user with a means to interrogate the AD9547 to
determine which internal function(s) produced the interrupt.
Typically, when the AD9547 asserts the IRQ pin, the user inter-
rogates the IRQ monitor register to identify the source of the
interrupt request. After servicing an indicated interrupt, the user
should clear the associated IRQ monitor register bit via the IRQ
clearing registers (Address 0x0A04 to Address 0x0A0B). The bits
in the IRQ clearing register have a one-to-one correspondence
with the bits in the IRQ monitor register. Note that the IRQ
clearing register is autoclearing. The IRQ pin remains asserted
until the user clears all of the bits in the IRQ monitor register
that indicate an interrupt.
It is also possible to collectively clear all of the IRQ monitor
register bits by setting the reset all IRQs bit in the reset functions
register (Register 0x0A03, Bit 1). Note that this is an autoclearing
bit. Setting this bit results in deassertion of the IRQ pin. Alter-
natively, the user can program any of the multifunction pins to
clear all IRQs. This allows the user to clear all IRQs by means of
a hardware pin rather than by a serial I/O port operation.
WATCHDOG TIMER
The watchdog timer is a general-purpose, programmable timer.
To set its timeout period, the user writes to the 16-bit watchdog
timer register (Address 0x0211 and Address 0x0212). A value of
zero in this register disables the timer. A nonzero value sets the
timeout period in units of milliseconds (ms), giving the watchdog
timer a range of 1 ms to 65,535 ms. The relative accuracy of the
timer is approximately 0.1% with an uncertainty of 0.5 ms.
If enabled, the timer runs continuously and generates a timeout
event whenever the timeout period expires. The user has access
to the watchdog timer status via the IRQ mechanism and the
multifunction pins (M0 to M7). In the case of the multifunction
pins, the timeout event of the watchdog timer is a pulse that
lasts 32 system clock periods.
There are two ways to reset the watchdog timer (thereby pre-
venting it from causing a timeout event). The first is by writing
a Logic 1 to the autoclearing reset watchdog bit in the reset
functions register (Register 0x0A03, Bit 0). Alternatively, the
user can program any of the multifunction pins to reset the
watchdog timer. This allows the user to reset the timer by means
of a hardware pin rather than by a serial I/O port operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com