Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547BCPZ Datasheet(PDF) 17 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 13Page - Analog Devices AD9547BCPZ Datasheet HTML 14Page - Analog Devices AD9547BCPZ Datasheet HTML 15Page - Analog Devices AD9547BCPZ Datasheet HTML 16Page - Analog Devices AD9547BCPZ Datasheet HTML 17Page - Analog Devices AD9547BCPZ Datasheet HTML 18Page - Analog Devices AD9547BCPZ Datasheet HTML 19Page - Analog Devices AD9547BCPZ Datasheet HTML 20Page - Analog Devices AD9547BCPZ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 104 page
background image
AD9547
Rev. 0 | Page 17 of 104
Pin No.
Input/
Output
Pin Type
Mnemonic
Description
47
I
Differential
input
REFB
Reference B Input. This internally biased input is typically ac-coupled and,
when configured as such, can accept any differential signal with a single-ended
swing of up to 3.3 V. If dc-coupled, input can be LVPECL, CMOS, or LVDS.
48
I
Differential
input
REFBB
Complementary Reference B Input. Complementary signal to the input provided
on Pin 47. The user can configure this pin as a separate single-ended input.
51
I
NC
No Connection. This pin should be left floating.
52
O
Logic
IRQ
Interrupt Request Line.
54, 55, 56, 57,
60, 61, 62, 63
I/O
3.3 V CMOS
M0, M1, M2, M3,
M4, M5, M6, M7
Configurable I/O Pins. These pins are configured under program control.
EP
O
Exposed
pad
Exposed pad
The exposed pad must be connected to ground (VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com