Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547BCPZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9547BCPZ
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547BCPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9547BCPZ Datasheet HTML 16Page - Analog Devices AD9547BCPZ Datasheet HTML 17Page - Analog Devices AD9547BCPZ Datasheet HTML 18Page - Analog Devices AD9547BCPZ Datasheet HTML 19Page - Analog Devices AD9547BCPZ Datasheet HTML 20Page - Analog Devices AD9547BCPZ Datasheet HTML 21Page - Analog Devices AD9547BCPZ Datasheet HTML 22Page - Analog Devices AD9547BCPZ Datasheet HTML 23Page - Analog Devices AD9547BCPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 104 page
background image
AD9547
Rev. 0 | Page 20 of 104
LVDS
0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
600
700
FREQUENCY (MHz)
LVPECL
Figure 13. Amplitude vs. Toggle Rate,
LVPECL and LVDS
10pF LOAD
20pF LOAD
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
FREQUENCY (MHz)
Figure 14. Amplitude vs. Toggle Rate,
3.3 V CMOS (Strong Mode)
LVDS
LVPECL
50
60
70
80
120
110
100
90
130
140
0
100
200
300
400
500
FREQUENCY (MHz)
Figure 15. Power Consumption vs. Frequency,
LVPECL and LVDS
(Single Channel)
FREQUENCY (MHz)
0.5
1.0
1.5
2.0
0
50
100
150
250
200
5pF LOAD
10pF LOAD
20pF LOAD
Figure 16. Amplitude vs. Toggle Rate,
1.8 V CMOS
10pF LOAD
5pF LOAD
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
102030405
FREQUENCY (MHz)
0
Figure 17. Amplitude vs. Toggle Rate,
3.3 V CMOS (Weak Mode)
FREQUENCY (MHz)
15
20
25
30
35
40
0
50
100
150
200
10pF LOAD
5pF LOAD
20pF LOAD
Figure 18. Power Consumption vs. Frequency,
1.8 V CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com