Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548/PCBZ Datasheet(PDF) 93 Page - Analog Devices

Part # AD9548/PCBZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548/PCBZ Datasheet(HTML) 93 Page - Analog Devices

Back Button AD9548/PCBZ Datasheet HTML 89Page - Analog Devices AD9548/PCBZ Datasheet HTML 90Page - Analog Devices AD9548/PCBZ Datasheet HTML 91Page - Analog Devices AD9548/PCBZ Datasheet HTML 92Page - Analog Devices AD9548/PCBZ Datasheet HTML 93Page - Analog Devices AD9548/PCBZ Datasheet HTML 94Page - Analog Devices AD9548/PCBZ Datasheet HTML 95Page - Analog Devices AD9548/PCBZ Datasheet HTML 96Page - Analog Devices AD9548/PCBZ Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 112 page
background image
AD9548
Rev. 0 | Page 93 of 112
Table 119. Loop Mode
Address
Bits
Bit Name
Description
0A01
[7]
Unused
[6]
User holdover
Force the device into holdover mode.
0 (default) = normal operation.
1 = force device into holdover mode.
The device behaves as though all input references are faulted.
[5]
User freerun
Force the device into free-run mode.
0 (default) = normal operation.
1 = force device into free-run mode.
The free running frequency tuning word register specifies the DDS output frequency.
Note that, when the user freerun bit is set, it overrides the user holdover bit.
[4:3]
User selection mode
Select the operating mode of the reference switching state machine.
00 (default) = automatic mode. The fully automatic priority-based algorithm selects the
active reference (Bits[2:0] are ignored).
01 = fallback mode. The active reference is the user reference (Bits[2:0]) as long as it is
valid. Otherwise, use the fully automatic priority-based algorithm to select the active
reference.
10 = holdover mode. The active reference is the user reference (Bits[2:0]) as long as it is
valid. Otherwise, enter holdover mode.
11 = manual mode. The active reference is always the user reference (Bits[2:0]). When
using manual mode, be sure that the reference declared as the user reference (Bits[2:0])
is programmed for manual reference-to-profile assignment in the appropriate manual
reference profile selection register (Address 0503 to Address 0506).
[2:0]
User reference
selection
Input reference when user selection mode = 01, 10, or 11.
000 (default) = Input Reference A
001 = Input Reference AA
010 = Input Reference B
011 = Input Reference BB
100 = Input Reference C
101 = Input Reference CC
110 = Input Reference D
111 = Input Reference DD
Table 120. Cal/Sync
Address
Bits
Bit Name
Description
0A02
[7:2]
unused
[1]
Sync distribution
Setting this bit (default = 0) initiates synchronization of the clock distribution output.
While this bit = 1, the clock distribution output stalls. Synchronization occurs on the 1 to
0 transition of this bit.
[0]
Calibrate system clock
Setting this bit (default = 0) initiates an internal calibration of the SYSCLK PLL (assuming
it is enabled). The calibration routine automatically selects the proper VCO frequency
band and signal amplitude. The internal system clock stalls during the calibration
procedure, disabling the device until the calibration is complete (a few milliseconds).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com