| Electronic Components Datasheet Search |
|
AD9548/PCBZ Datasheet(PDF) 97 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9548/PCBZ Datasheet(HTML) 97 Page - Analog Devices |
|
97 / 112 page ![]() AD9548 Rev. 0 | Page 97 of 112 Address Bits Bit Name Description 0A0F [7] Ref Mon Override DD Overrides the reference monitor REF fault signal for Reference DD (default = 0, not overridden). [6] Ref Mon Override D Overrides the reference monitor REF fault signal for Reference D (default = 0, not overridden). [5] Ref Mon Override CC Overrides the reference monitor REF fault signal for Reference CC (default = 0, not overridden). [4] Ref Mon Override C Overrides the reference monitor REF fault signal for Reference C (default = 0, not overridden). [3] Ref Mon Override BB Overrides the reference monitor REF fault signal for Reference BB (default = 0, not overridden). [2] Ref Mon Override B Overrides the reference monitor REF fault signal for Reference B (default = 0, not overridden). [1] Ref Mon Override AA Overrides the reference monitor REF fault signal for Reference AA (default = 0, not overridden). [0] Ref Mon Override A Overrides the reference monitor REF fault signal for Reference A (default = 0, not overridden). 0A10 [7] Ref Mon Bypass DD Bypasses the reference monitor for Reference DD (default = 0, not bypassed). [6] Ref Mon Bypass D Bypasses the reference monitor for Reference D (default = 0, not bypassed). [5] Ref Mon Bypass CC Bypasses the reference monitor for Reference CC (default = 0, not bypassed). [4] Ref Mon Bypass C Bypasses the reference monitor for Reference C (default = 0, not bypassed). [3] Ref Mon Bypass BB Bypasses the reference monitor for Reference BB (default = 0, not bypassed). [2] Ref Mon Bypass B Bypasses the reference monitor for Reference B (default = 0, not bypassed). [1] Ref Mon Bypass AA Bypasses the reference monitor for Reference AA (default = 0, not bypassed). [0] Ref Mon Bypass A Bypasses the reference monitor for Reference A (default = 0, not bypassed). 1 See Figure 34 for details. STATUS READBACK (REGISTER 0D00 TO REGISTER 0D19) All bits in Register 0D00 to Register 0D19 are read only. Table 130. EEPROM Status Address Bits Bit Name Description 0D00 [7:3] Unused [2] Fault detected An error occurred while saving data to or loading data from the EEPROM. [1] Load in progress The control logic sets this bit while data is being read from the EEPROM. [0] Save in progress The control logic sets this bit while data is being written to the EEPROM. Table 131. SYSCLK Status Address Bits Bit Name Description 0D01 [7:5] Unused [4] Stable The control logic sets this bit when the device considers the system clock to be stable (see the System Clock Stability Timer section). [3:2] Unused [1] Cal in progress The control logic holds this bit set while the system clock calibration is in progress. [0] Lock detected Indicates the status of the system clock PLL. 0 = unlocked. 1 = locked (or the PLL is disabled). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |