| Electronic Components Datasheet Search |
|
AD9548/PCBZ Datasheet(PDF) 98 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9548/PCBZ Datasheet(HTML) 98 Page - Analog Devices |
|
98 / 112 page ![]() AD9548 Rev. 0 | Page 98 of 112 Register 0D02 to Register 0D09—IRQ Monitor If not masked via the IRQ mask register (Address 0209 to Address 0210), then the appropriate IRQ monitor bit is set to a Logic 1 when the indicated event occurs. These bits can only be cleared via the IRQ clearing register (Address 0A04 to Address 0A0B), the reset all IRQs bit (Register 0A03, Bit 1), or a device reset. Table 132. IRQ Monitor for SYSCLK Address Bits Bit Name Description 0D02 [7:6] Unused [5] SYSCLK unlocked Indicates a SYSCLK PLL state transition from locked to unlocked [4] SYSCLK locked Indicates a SYSCLK PLL state transition from unlocked to locked [3:2] Unused [1] SYSCLK Cal complete Indicates that SYSCLK calibration has completed [0] SYSCLK Cal started Indicates that SYSCLK calibration has begun Table 133. IRQ Monitor for Distribution Sync, Watchdog Timer, and EEPROM Address Bits Bit Name Description 0D03 [7:4] Unused [3] Distribution sync Indicates a distribution sync event [2] Watchdog timer Indicates expiration of the watchdog timer [1] EEPROM fault Indicates a fault during an EEPROM load or save operation [0] EEPROM complete Indicates successful completion of an EEPROM load or save operation Table 134. IRQ Monitor for the Digital PLL Address Bits Bit Name Description 0D04 [7] Switching Indicates that the DPLL is switching to a new reference [6] Closed Indicates that the DPLL has entered closed-loop operation [5] Freerun Indicates that the DPLL has entered free-run mode [4] Holdover Indicates that the DPLL has entered holdover mode [3] Freq unlocked Indicates that the DPLL lost frequency lock [2] Freq locked Indicates that the DPLL has acquired frequency lock [1] Phase unlocked Indicates that the DPLL lost phase lock [0] Phase locked Indicates that the DPLL has acquired phase lock Table 135. IRQ Monitor for History Update, Frequency Limit, and Phase Slew Limit Address Bits Bit Name Description 0D05 [7:5] Unused [4] History updated Indicates the occurrence of a tuning word history update [3] Freq unclamped Indicates a frequency limiter state transition from clamped to unclamped [2] Freq clamped Indicates a frequency limiter state transition from unclamped to clamped [1] Phase slew unlimited Indicates a phase slew limiter state transition from slew limiting to not slew limiting [0] Phase slew limited Indicates a phase slew limiter state transition from not slew limiting to slew limiting Table 136. IRQ Monitor for Reference Inputs Address Bits Bit Name Description 0D06 [7] Ref AA new profile Indicates that Ref AA has switched to a new profile [6] Ref AA validated Indicates that Ref AA has been validated [5] Ref AA fault cleared Indicates that Ref AA has been cleared of a previous fault [4] Ref AA fault Indicates that Ref AA has been faulted [3] Ref A new profile Indicates that Ref A has switched to a new profile [2] Ref A validated Indicates that Ref A has been validated [1] Ref A fault cleared Indicates that Ref A has been cleared of a previous fault [0] Ref A fault Indicates that Ref A has been faulted |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |