Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3634ARDZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADP3634ARDZ
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3634ARDZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP3634ARDZ Datasheet HTML 5Page - Analog Devices ADP3634ARDZ Datasheet HTML 6Page - Analog Devices ADP3634ARDZ Datasheet HTML 7Page - Analog Devices ADP3634ARDZ Datasheet HTML 8Page - Analog Devices ADP3634ARDZ Datasheet HTML 9Page - Analog Devices ADP3634ARDZ Datasheet HTML 10Page - Analog Devices ADP3634ARDZ Datasheet HTML 11Page - Analog Devices ADP3634ARDZ Datasheet HTML 12Page - Analog Devices ADP3634ARDZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
3
4
5
6
7
8
9
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
VUVLO_ON
VUVLO_OFF
VUVLO_ON
VUVLO_OFF
ADP3633/ADP3634/ADP3635
ADP3623/ADP3624/ADP3625
Figure 10. UVLO vs. Temperature
0
2
4
6
8
10
12
14
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
tFALL
tRISE
Figure 11. Rise and Fall Times vs. Temperature
0
10
20
30
40
50
60
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
VDD = 12V
tdH_SD
tdL_SD
tD2
tD1
Figure 12. Propagation Delay vs. Temperature
0
5
10
15
20
25
0
5
10
15
20
VDD (V)
tFALL
tRISE
Figure 13. Rise and Fall Times vs. VDD
0
10
20
30
40
50
60
70
0
5
10
15
20
tdL_SD
tD2
tD1
tdH_SD
VDD (V)
Figure 14. Propagation Delay vs. VDD
0
200
400
600
800
1000
1200
1400
–50
–30
–10
10
30
50
70
90
110
130
TEMPERATURE (°C)
SD THRESHOLD HYSTERESIS
SD THRESHOLD HIGH
SD THRESHOLD LOW
Figure 15. Shutdown Threshold vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com