Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3634ARDZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADP3634ARDZ
Description  High Speed, Dual, 4 A MOSFET Driver with Thermal Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3634ARDZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP3634ARDZ Datasheet HTML 8Page - Analog Devices ADP3634ARDZ Datasheet HTML 9Page - Analog Devices ADP3634ARDZ Datasheet HTML 10Page - Analog Devices ADP3634ARDZ Datasheet HTML 11Page - Analog Devices ADP3634ARDZ Datasheet HTML 12Page - Analog Devices ADP3634ARDZ Datasheet HTML 13Page - Analog Devices ADP3634ARDZ Datasheet HTML 14Page - Analog Devices ADP3634ARDZ Datasheet HTML 15Page - Analog Devices ADP3634ARDZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADP3623/ADP3624/ADP3625/ADP3633/ADP3634/ADP3635
Rev. A | Page 16 of 16
ORDERING GUIDE
Model
UVLO
Option
Temperature
Range
Package Description
Package
Option
Ordering
Quantity
Branding
ADP3623ARDZ-RL1
4.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP), 13“ Tape and Reel
RD-8-1
2,500
ADP3623ARHZ-RL1
4.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP),
13”Tape and Reel
RH-8-1
3,000
P3
ADP3624ARDZ1
4.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP)
RD-8-1
ADP3624ARDZ-RL1
4.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP), Tape Reel
RD-8-1
2,500
ADP3624ARHZ1
4.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP)
RH-8-1
P4
ADP3624ARHZ-RL1
4.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP),
Tape Reel
RH-8-1
3,000
P4
ADP3625ARDZ-RL1
4.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP), 13”Tape and Reel
RD-8-1
2,500
ADP3625ARHZ-RL1
4.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP),
13”Tape and Reel
RH-8-1
3,000
P5
ADP3633ARDZ-RL1
9.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP), 13”Tape and Reel
RD-8-1
2,500
ADP3633ARHZ-RL1
9.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP),
13”Tape and Reel
RH-8-1
3,000
L3
ADP3634ARDZ1
9.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP)
RD-8-1
ADP3634ARDZ-RL1
9.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP), 13”Tape and Reel
RD-8-1
2,500
ADP3634ARHZ1
9.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP)
RH-8-1
L4
ADP3634ARHZ-RL1
9.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP),
13”Tape and Reel
RH-8-1
3,000
L4
ADP3635ARDZ-RL1
9.5 V
−40°C to +85°C
8-Lead Standard Small Outline Package
(SOIC_N_EP), 13”Tape and Reel
RD-8-1
2,500
ADP3635ARHZ-RL1
9.5 V
−40°C to +85°C
8-Lead Mini Small Outline Package (MINI_SO_EP),
13”Tape and Reel
RH-8-1
3,000
L5
1 Z = RoHS Compliant Part.
©2009 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D08132-0-7/09(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com