Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 6 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 2Page - Exar Corporation XRT86VL30 Datasheet HTML 3Page - Exar Corporation XRT86VL30 Datasheet HTML 4Page - Exar Corporation XRT86VL30 Datasheet HTML 5Page - Exar Corporation XRT86VL30 Datasheet HTML 6Page - Exar Corporation XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation XRT86VL30 Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 188 page
background image
XRT86VL30
III
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 1: REGISTER SUMMARY ......................................................................................................................................................... 4
TABLE 2: CLOCK SELECT REGISTER (CSR)
HEX ADDRESS: 0X0100 .......................... 9
TABLE 3: LINE INTERFACE CONTROL REGISTER (LICR)
HEX ADDRESS: 0X0101 ........................ 11
TABLE 4: FRAMING SELECT REGISTER (FSR)
HEX ADDRESS: 0X0107 ....................... 13
TABLE 5: ALARM GENERATION REGISTER (AGR)
HEX ADDRESS: 0X0108 ......................... 17
TABLE 6: SYNCHRONIZATION MUX REGISTER (SMR)
HEX ADDRESS: 0X0109........................ 19
TABLE 7: TRANSMIT SIGNALING AND DATA LINK SELECT REGISTER (TSDLSR)
HEX ADDRESS:0X010A ........................ 22
TABLE 8: FRAMING CONTROL REGISTER (FCR)
HEX ADDRESS: 0X010B ....................... 25
TABLE 9: RECEIVE SIGNALING & DATA LINK SELECT REGISTER (RSDLSR)
HEX ADDRESS: 0X010C ....................... 27
TABLE 10: RECEIVE SIGNALING CHANGE REGISTER 0 (RSCR 0)
HEX ADDRESS: 0X010D ................... 29
TABLE 11: RECEIVE SIGNALING CHANGE REGISTER 1 (RSCR 1)
HEX ADDRESS: 0X010E .................. 29
TABLE 12: RECEIVE SIGNALING CHANGE REGISTER 2 (RSCR 2)
HEX ADDRESS: 0X010F .................. 29
TABLE 13: RECEIVE SIGNALING CHANGE REGISTER 3 (RSCR 3)
HEX ADDRESS: 0X0110.................. 30
TABLE 14: RECEIVE NATIONAL BITS REGISTER (RNBR)
HEX ADDRESS: 0X0111 ...................... 31
TABLE 15: RECEIVE EXTRA BITS REGISTER (REBR)
HEX ADDRESS: 0X0112 ..................... 32
TABLE 16: DATA LINK CONTROL REGISTER (DLCR1)
HEX ADDRESS: 0X0113........................ 34
TABLE 17: TRANSMIT DATA LINK BYTE COUNT REGISTER (TDLBCR1)
HEX ADDRESS: 0X0114..................... 36
TABLE 18: RECEIVE DATA LINK BYTE COUNT REGISTER (RDLBCR1)
HEX ADDRESS: 0X0115 ...................... 37
TABLE 19: SLIP BUFFER CONTROL REGISTER (SBCR)
HEX ADDRESS: 0X0116...................... 38
TABLE 20: FIFO LATENCY REGISTER (FFOLR)
HEX ADDRESS: 0X0117 ....................... 39
TABLE 21: DMA 0 (WRITE) CONFIGURATION REGISTER (D0WCR)
HEX ADDRESS: 0X0118...................... 40
TABLE 22: DMA 1 (READ) CONFIGURATION REGISTER (D1RCR)
HEX ADDRESS: 0X0119 ...................... 41
TABLE 23: INTERRUPT CONTROL REGISTER (ICR)
HEX ADDRESS: 0X011A ..................... 42
TABLE 24: LAPD SELECT REGISTER (LAPDSR)
HEX ADDRESS: 0X011B ....................... 43
TABLE 25: PERFORMANCE REPORT CONTROL REGISTER (PRCR)
HEX ADDRESS: 0X011D ..................... 43
TABLE 26: GAPPED CLOCK CONTROL REGISTER (GCCR)
HEX ADDRESS: 0X011E ...................... 44
TABLE 27: TRANSMIT INTERFACE CONTROL REGISTER (TICR)
HEX ADDRESS:0X0120 ..................... 45
TABLE 28: TRANSMIT INTERFACE SPEED WHEN MULTIPLEXED MODE IS DISABLED (TXMUXEN = 0) ................................................ 47
TABLE 29: TRANSMIT INTERFACE SPEED WHEN MULTIPLEXED MODE IS ENABLED (TXMUXEN = 1).................................................. 48
TABLE 30: PRBS CONTROL AND STATUS REGISTER 0 (PRBSCSR0)
HEX ADDRESS: 0X0121..................... 49
TABLE 31: RECEIVE INTERFACE CONTROL REGISTER (RICR)
HEX ADDRESS: 0X0122 ...................... 51
TABLE 32: RECEIVE INTERFACE SPEED WHEN MULTIPLEXED MODE IS DISABLED (TXMUXEN = 0) .................................................. 53
TABLE 33: RECEIVE INTERFACE SPEED WHEN MULTIPLEXED MODE IS ENABLED (TXMUXEN = 1).................................................... 54
TABLE 34: PRBS CONTROL AND STATUS REGISTER 1 (PRBSCSR1)
HEX ADDRESS: 0X0123 ..................... 55
TABLE 35: LOOPBACK CODE CONTROL REGISTER (LCCR)
HEX ADDRESS: 0X0124 ....................... 57
TABLE 36: TRANSMIT LOOPBACK CODER REGISTER (TLCR)
HEX ADDRESS: 0X0125 ....................... 57
TABLE 37: RECEIVE LOOPBACK ACTIVATION CODE REGISTER (RLACR)
HEX ADDRESS: 0X0126..................... 57
TABLE 38: RECEIVE LOOPBACK DEACTIVATION CODE REGISTER (RLDCR)
HEX ADDRESS: 0X0127.......................... 57
TABLE 39: DEFECT DETECTION ENABLE REGISTER (DDER)
HEX ADDRESS: 0X0129........................ 57
TABLE 40: TRANSMIT SA SELECT REGISTER (TSASR)
HEX ADDRESS: 0X0130....................... 58
TABLE 41: TRANSMIT SA AUTO CONTROL REGISTER 1 (TSACR1)
HEX ADDRESS: 0X0131 ....................... 60
TABLE 42: CONDITIONS ON RECEIVE SIDE WHEN TSACR1 BITS ARE ENABLED................................................................................ 61
TABLE 43: TRANSMIT SA AUTO CONTROL REGISTER 2 (TSACR2)
HEX ADDRESS: 0X0132 .......................... 62
TABLE 44: CONDITIONS ON RECEIVE SIDE WHEN TSACR2 BITS ENABLED ....................................................................................... 63
TABLE 45: TRANSMIT SA4 REGISTER (TSA4R)
HEX ADDRESS: 0X0133 ..................... 64
TABLE 46: TRANSMIT SA5 REGISTER (TSA5R)
HEX ADDRESS: 0X0134 ..................... 64
TABLE 47: TRANSMIT SA6 REGISTER (TSA6R)
HEX ADDRESS: 0X0135 ..................... 64
TABLE 48: TRANSMIT SA7 REGISTER (TSA7R)
HEX ADDRESS: 0X0136 ..................... 64
TABLE 49: TRANSMIT SA8 REGISTER (TSA8R)
HEX ADDRESS: 0X0137 ..................... 65
TABLE 50: RECEIVE SA4 REGISTER (RSA4R)
HEX ADDRESS: 0X013B ...................... 66
TABLE 51: RECEIVE SA5 REGISTER (RSA5R)
HEX ADDRESS: 0X013C ...................... 66
TABLE 52: RECEIVE SA6 REGISTER (RSA6R)
HEX ADDRESS: 0X013D ...................... 66
TABLE 53: RECEIVE SA7 REGISTER (RSA7R)
HEX ADDRESS: 0X013E ...................... 67
TABLE 54: RECEIVE SA8 REGISTER (RSA8R)
HEX ADDRESS: 0X013F ...................... 67
TABLE 55: DATA LINK CONTROL REGISTER (DLCR2)
HEX ADDRESS: 0X0143.................... 68
TABLE 56: TRANSMIT DATA LINK BYTE COUNT REGISTER (TDLBCR2)
HEX ADDRESS: 0X0144..................... 70
TABLE 57: RECEIVE DATA LINK BYTE COUNT REGISTER (RDLBCR2)
HEX ADDRESS: 0X0145 ...................... 71
TABLE 58: DATA LINK CONTROL REGISTER (DLCR3)
HEX ADDRESS: 0X0153...................... 72
TABLE 59: TRANSMIT DATA LINK BYTE COUNT REGISTER (TDLBCR3)
HEX ADDRESS: 0X0154....................... 74
TABLE 60: RECEIVE DATA LINK BYTE COUNT REGISTER (RDLBCR3)
HEX ADDRESS: 0X0155 ..................... 75
TABLE 61: DEVICE ID REGISTER (DEVID)
HEX ADDRESS: 0X01FE....................... 76
TABLE 62: REVISION ID REGISTER (REVID)
HEX ADDRESS: 0X01FF................... 76
TABLE 63: TRANSMIT CHANNEL CONTROL REGISTER 0-31 (TCCR 0-31)
HEX ADDRESS: 0X0300 TO 0X031F ...................... 77
TABLE 64: TRANSMIT USER CODE REGISTER 0 - 31 (TUCR 0-31)
HEX ADDRESS: 0X0320 TO 0X033F .................... 79
TABLE 65: TRANSMIT SIGNALING CONTROL REGISTER 0-31 (TSCR 0-31)
HEX ADDRESS: 0X0340 TO 0X035F...................... 80
TABLE 66: RECEIVE CHANNEL CONTROL REGISTER X (RCCR 0-31)
HEX ADDRESS: 0X0360 TO 0X037F ..................... 83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com