Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 3Page - Exar Corporation XRT86VL30 Datasheet HTML 4Page - Exar Corporation XRT86VL30 Datasheet HTML 5Page - Exar Corporation XRT86VL30 Datasheet HTML 6Page - Exar Corporation XRT86VL30 Datasheet HTML 7Page - Exar Corporation XRT86VL30 Datasheet HTML 8Page - Exar Corporation XRT86VL30 Datasheet HTML 9Page - Exar Corporation XRT86VL30 Datasheet HTML 10Page - Exar Corporation XRT86VL30 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 188 page
background image
XRT86VL30
IV
REV. 1.0.0
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
TABLE 67: RECEIVE USER CODE REGISTER 0-31 (RUCR 0-31)
HEX ADDRESS: 0X0380 TO 0X039F ..................... 85
TABLE 68: RECEIVE SIGNALING CONTROL REGISTER 0-31 (RSCR 0-31)
HEX ADDRESS: 0X03A0 TO 0X03BF ...................... 86
TABLE 69: RECEIVE SUBSTITUTION SIGNALING REGISTER 0-31 (RSSR 0-31)
HEX ADDRESS 0X03C0 TO 0X03DF ...................... 88
TABLE 70: RECEIVE SIGNALING ARRAY REGISTER 0 - 31 (RSAR 0-31)
HEX ADDRESS: 0X0500 TO 0X051F....................... 89
TABLE 71: LAPD BUFFER 0 CONTROL REGISTER (LAPDBCR0)
HEX ADDRESS: 0X0600 ........................................ 90
TABLE 72: LAPD BUFFER 1 CONTROL REGISTER (LAPDBCR1)
HEX ADDRESS: 0X0700 ........................................ 90
TABLE 73: PMON RECEIVE LINE CODE VIOLATION COUNTER MSB (RLCVCU)
HEX ADDRESS: 0X0900 ....................... 91
TABLE 74: PMON RECEIVE LINE CODE VIOLATION COUNTER LSB (RLCVCL)
HEX ADDRESS: 0X0901 ....................... 91
TABLE 75: PMON RECEIVE FRAMING ALIGNMENT BIT ERROR COUNTER MSB (RFAECU) HEX ADDRESS: 0X0902 ....................... 92
TABLE 76: PMON RECEIVE FRAMING ALIGNMENT BIT ERROR COUNTER LSB (RFAECL)
HEX ADDRESS: 0X0903........................ 92
TABLE 77: PMON RECEIVE SEVERELY ERRORED FRAME COUNTER (RSEFC)
HEX ADDRESS: 0X0904 ........................ 93
TABLE 78: PMON RECEIVE CRC-4 BIT ERROR COUNTER - MSB (RSBBECU)
HEX ADDRESS: 0X0905 ........................ 93
TABLE 79: PMON RECEIVE CRC-4 BLOCK ERROR COUNTER - LSB (RSBBECL)
HEX ADDRESS: 0X0906......................... 93
TABLE 80: PMON RECEIVE FAR-END BLOCK ERROR COUNTER - MSB (RFEBECU)
HEX ADDRESS: 0X0907....................... 94
TABLE 81: PMON RECEIVE FAR END BLOCK ERROR COUNTER -LSB (RFEBECL)
HEX ADDRESS: 0X0908 ........................ 94
TABLE 82: PMON RECEIVE SLIP COUNTER (RSC)
HEX ADDRESS: 0X0909 ..................... 95
TABLE 83: PMON RECEIVE LOSS OF FRAME COUNTER (RLFC)
HEX ADDRESS: 0X090A ...................... 95
TABLE 84: PMON RECEIVE CHANGE OF FRAME ALIGNMENT COUNTER (RCFAC)
HEX ADDRESS: 0X090B ....................... 95
TABLE 85: PMON LAPD FRAME CHECK SEQUENCE ERROR COUNTER 1 (LFCSEC1)
HEX ADDRESS: 0X090C....................... 96
TABLE 86: PMON PRBS BIT ERROR COUNTER MSB (PBECU)
HEX ADDRESS: 0X090D ................... 96
TABLE 87: PMON PRBS BIT ERROR COUNTER LSB (PBECL)
HEX ADDRESS: 0X090E ................... 96
TABLE 88: PMON TRANSMIT SLIP COUNTER (TSC)
HEX ADDRESS: 0X090F .................... 97
TABLE 89: PMON EXCESSIVE ZERO VIOLATION COUNTER MSB (EZVCU)
HEX ADDRESS: 0X0910 ....................... 97
TABLE 90: PMON EXCESSIVE ZERO VIOLATION COUNTER LSB (EZVCL)
HEX ADDRESS: 0X0911 ....................... 97
TABLE 91: PMON FRAME CHECK SEQUENCE ERROR COUNTER 2 (LFCSEC2)
HEX ADDRESS: 0X091C ....................... 98
TABLE 92: PMON FRAME CHECK SEQUENCE ERROR COUNTER 3 (LFCSEC3)
HEX ADDRESS: 0X092C ....................... 98
TABLE 93: BLOCK INTERRUPT STATUS REGISTER (BISR)
HEX ADDRESS: 0X0B00 ........................ 99
TABLE 94: BLOCK INTERRUPT ENABLE REGISTER (BIER)
HEX ADDRESS: 0X0B01 ...................... 101
TABLE 95: ALARM & ERROR INTERRUPT STATUS REGISTER (AEISR)
HEX ADDRESS: 0X0B02 ...................... 103
TABLE 96: ALARM & ERROR INTERRUPT ENABLE REGISTER (AEIER)
HEX ADDRESS: 0X0B03 ...................... 106
TABLE 97: FRAMER INTERRUPT STATUS REGISTER (FISR)
HEX ADDRESS: 0X0B04 ................... 108
TABLE 98: FRAMER INTERRUPT ENABLE REGISTER (FIER)
HEX ADDRESS: 0X0B05 .................... 111
TABLE 99: DATA LINK STATUS REGISTER 1 (DLSR1)
HEX ADDRESS: 0X0B06 ..................... 113
TABLE 100: DATA LINK INTERRUPT ENABLE REGISTER 1 (DLIER1)
HEX ADDRESS: 0X0B07 ..................... 115
TABLE 101: SLIP BUFFER INTERRUPT STATUS REGISTER (SBISR)
HEX ADDRESS: 0X0B08 ................. 117
TABLE 102: SLIP BUFFER INTERRUPT ENABLE REGISTER (SBIER)
HEX ADDRESS: 0X0B09 ..................... 120
TABLE 103: RECEIVE LOOPBACK CODE INTERRUPT AND STATUS REGISTER (RLCISR)
HEX ADDRESS: 0X0B0A ...................... 122
TABLE 104: RECEIVE LOOPBACK CODE INTERRUPT ENABLE REGISTER (RLCIER)
HEX ADDRESS: 0X0B0B .................... 124
TABLE 105: RECEIVE SA INTERRUPT STATUS REGISTER (RSAISR)
HEX ADDRESS: 0X0B0C .................. 125
TABLE 106: RECEIVE SA INTERRUPT ENABLE REGISTER (RSAIER)
HEX ADDRESS: 0X0B0D ................... 128
TABLE 107: EXCESSIVE ZERO STATUS REGISTER (EXZSR)
HEX ADDRESS: 0X0B0E ................. 131
TABLE 108: EXCESSIVE ZERO ENABLE REGISTER (EXZER)
HEX ADDRESS: 0X0B0F ................... 132
TABLE 109: RXLOS/CRC INTERRUPT STATUS REGISTER (RLCISR)
HEX ADDRESS: 0X0B12 ................. 133
TABLE 110: RXLOS/CRC INTERRUPT ENABLE REGISTER (RLCIER)
HEX ADDRESS: 0X0B13 .................. 135
TABLE 111: DATA LINK STATUS REGISTER 2 (DLSR2)
HEX ADDRESS: 0X0B16 ..................... 136
TABLE 112: DATA LINK INTERRUPT ENABLE REGISTER 2 (DLIER2)
HEX ADDRESS: 0X0B17 .................... 138
TABLE 113: DATA LINK STATUS REGISTER 3 (DLSR3)
HEX ADDRESS: 0X0B26 ..................... 140
TABLE 114: DATA LINK INTERRUPT ENABLE REGISTER 3 (DLIER3)
HEX ADDRESS: 0X0B27 ................... 142
TABLE 115: LIU CHANNEL CONTROL REGISTER 0 (LIUCCR0)
HEX ADDRESS: 0X0F00 .................. 144
TABLE 116: EQUALIZER CONTROL AND TRANSMIT LINE BUILD OUT ............................................................................................... 146
TABLE 117: LIU CHANNEL CONTROL REGISTER 1 (LIUCCR1)
HEX ADDRESS: 0X0F01 .................. 147
TABLE 118: LIU CHANNEL CONTROL REGISTER 2 (LIUCCR2)
HEX ADDRESS: 0X0F02 .................. 149
TABLE 119: LIU CHANNEL CONTROL REGISTER 3 (LIUCCR3)
HEX ADDRESS: 0X0F03 .................. 151
TABLE 120: LIU CHANNEL CONTROL INTERRUPT ENABLE REGISTER (LIUCCIER)
HEX ADDRESS: 0X0F04 ................... 153
TABLE 121: LIU CHANNEL CONTROL STATUS REGISTER (LIUCCSR)
HEX ADDRESS: 0X0F05 ..................... 154
TABLE 122: LIU CHANNEL CONTROL INTERRUPT STATUS REGISTER (LIUCCISR)
HEX ADDRESS: 0X0F06 .................... 157
TABLE 123: LIU CHANNEL CONTROL CABLE LOSS REGISTER (LIUCCCCR)
HEX ADDRESS: 0X0F07 ..................... 159
TABLE 124: LIU CHANNEL CONTROL ARBITRARY REGISTER 1 (LIUCCAR1)
HEX ADDRESS: 0X0F08 ..................... 159
TABLE 125: LIU CHANNEL CONTROL ARBITRARY REGISTER 2 (LIUCCAR2)
HEX ADDRESS: 0X0F09 ..................... 159
TABLE 126: LIU CHANNEL CONTROL ARBITRARY REGISTER 3 (LIUCCAR3)
HEX ADDRESS: 0X0F0A .................... 160
TABLE 127: LIU CHANNEL CONTROL ARBITRARY REGISTER 4 (LIUCCAR4)
HEX ADDRESS: 0X0F0B .................... 160
TABLE 128: LIU CHANNEL CONTROL ARBITRARY REGISTER 5 (LIUCCAR5)
HEX ADDRESS: 0X0F0C .................... 160
TABLE 129: LIU CHANNEL CONTROL ARBITRARY REGISTER 6 (LIUCCAR6)
HEX ADDRESS: 0X0F0D .................... 161
TABLE 130: LIU CHANNEL CONTROL ARBITRARY REGISTER 7 (LIUCCAR7)
HEX ADDRESS: 0X0F0E .................... 161
TABLE 131: LIU CHANNEL CONTROL ARBITRARY REGISTER 8 (LIUCCAR8)
HEX ADDRESS: 0X0F0F..................... 161
TABLE 132: LIU GLOBAL CONTROL REGISTER 0 (LIUGCR0)
HEX ADDRESS: 0X0FE0 .................. 162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com