Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 72 Page - Exar Corporation

Part # XRT86VL30
Description  SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 72 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 68Page - Exar Corporation XRT86VL30 Datasheet HTML 69Page - Exar Corporation XRT86VL30 Datasheet HTML 70Page - Exar Corporation XRT86VL30 Datasheet HTML 71Page - Exar Corporation XRT86VL30 Datasheet HTML 72Page - Exar Corporation XRT86VL30 Datasheet HTML 73Page - Exar Corporation XRT86VL30 Datasheet HTML 74Page - Exar Corporation XRT86VL30 Datasheet HTML 75Page - Exar Corporation XRT86VL30 Datasheet HTML 76Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 188 page
background image
XRT86VL30
67
SINGLE T1/E1/J1 FRAMER/LIU COMBO - E1 REGISTER DESCRIPTION
REV. 1.0.0
TABLE 50: RECEIVE SA4 REGISTER (RSA4R)
HEX ADDRESS: 0X013B
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
RxSa4[7:0]
RO
00000000 Received Sa4 Sequence
The content of this register stores the Sa 4 bits in the most recently
received CRC-4 multiframe. This register is updated when the entire
multiframe is received.
This register will show the contents of the received Sa4 bits if data
link selects Sa4 bit for reception. (i.e.RxSa4ENB bit in register
0x010Ch = 1).
Bit 7 of this register indicates the received Sa4 bit in frame 2 of the
CRC-4 multiframe, and bit 6 of this register indicates the received
Sa4 bit in frame 4 of the CRC-4 multiframe,...etc.
TABLE 51: RECEIVE SA5 REGISTER (RSA5R)
HEX ADDRESS: 0X013C
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
RxSa5[7:0]
RO
00000000 Received Sa5 Sequence
The content of this register stores the Sa 5 bits in the most recently
received CRC-4 multiframe. This register is updated when the entire
multiframe is received.
This register will show the contents of the received Sa5 bits if data
link selects Sa5 bit for reception. (i.e.RxSa5ENB bit in register
0x010Ch = 1).
Bit 7 of this register indicates the received Sa5 bit in frame 2 of the
CRC-4 multiframe, and bit 6 of this register indicates the received
Sa5 bit in frame 4 of the CRC-4 multiframe,...etc.
TABLE 52: RECEIVE SA6 REGISTER (RSA6R)
HEX ADDRESS: 0X013D
BIT
FUNCTION
TYPE
DEFAULT
DESCRIPTION-OPERATION
7-0
RxSa6[7:0]
RO
00000000 Received Sa6 Sequence
The content of this register stores the Sa 6 bits in the most recently
received CRC-4 multiframe. This register is updated when the entire
multiframe is received.
This register will show the contents of the received Sa6 bits if data
link selects Sa6 bit for reception. (i.e.RxSa6ENB bit in register
0x010Ch = 1).
Bit 7 of this register indicates the received Sa6 bit in frame 2 of the
CRC-4 multiframe, and bit 6 of this register indicates the received
Sa6 bit in frame 4 of the CRC-4 multiframe,...etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com