Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT86VL30 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT86VL30
Description  T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT86VL30 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT86VL30 Datasheet HTML 9Page - Exar Corporation XRT86VL30 Datasheet HTML 10Page - Exar Corporation XRT86VL30 Datasheet HTML 11Page - Exar Corporation XRT86VL30 Datasheet HTML 12Page - Exar Corporation XRT86VL30 Datasheet HTML 13Page - Exar Corporation XRT86VL30 Datasheet HTML 14Page - Exar Corporation XRT86VL30 Datasheet HTML 15Page - Exar Corporation XRT86VL30 Datasheet HTML 16Page - Exar Corporation XRT86VL30 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
XRT86VL30
11
REV. 1.0.3
T1/E1/J1 BITS ELEMENT - HARDWARE MANUAL
TxCHCLK
49
n/a
O
8
Transmit Channel Clock Output Signal (TxCHCLK):
The exact function of this pin depends on whether or not the
transmit framer enables the transmit fractional/signaling inter-
face to input fractional data, as described below.
If transmit fractional/signaling interface is disabled:
This pin indicates the boundary of each time slot of an out-
bound DS1/E1 frame. In T1 mode, this output pin is a 192kHz
clock which pulses "High" during the LSB of each 24 time
slots. In E1 mode, this output pin is a 256kHz clock which
pulses "High" during the LSB of each 32 time slots. The Ter-
minal Equipment can use this clock signal to sample the
TxCHN0 through TxCHN4 time slot identifier pins to deter-
mine which time slot is being processed.
If transmit fractional/signaling interface is enabled:
TxCHCLK is the fractional interface clock which either outputs
a clock signal for the time slot that has been configured to
input fractional data, or outputs an enable signal for the frac-
tional time slot so that fractional data can be clocked into the
device using the TxSERCLK pin.
NOTE:
Transmit fractional interface can be enabled by
programming to bit 4 - TxFr1544/TxFr2048 bit from
register 0x0120 to ‘1’.
This pin is internally pulled "Low"
TRANSMIT SYSTEM SIDE INTERFACE
SIGNAL NAME
128-PIN# 80-PIN#
TYPE
OUTPUT
DRIVE(MA)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com