Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA901 Datasheet(PDF) 1 Page - Motorola, Inc

Part # CA901
Description  17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA901 Datasheet(HTML) 1 Page - Motorola, Inc

  CA901 Datasheet HTML 1Page - Motorola, Inc CA901 Datasheet HTML 2Page - Motorola, Inc CA901 Datasheet HTML 3Page - Motorola, Inc CA901 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
CA901 CA901A
MOTOROLA RF DEVICE DATA
The RF Line
VHF/UHF CATV Amplifiers
. . . designed for broadband applications requiring low–distortion amplification.
Specifically intended for CATV/MATV market requirements. These amplifiers
feature ion–implanted arsenic emitter transistors and an all gold metal system.
• Specified Characteristics at VCC = 24 V, TC = 25°C:
Frequency Range — 40 to 860 MHz
Power Gain — 17 dB Typ @ f = 40 MHz
Noise Figure — 6.5 dB Typ @ f = 500 MHz
120 dB
mV DIN45004B @ 860 MHz
• All Gold Metallization for Improved Reliability
• Superior Gain, Return Loss and DC Current Stability with Temperature
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+14
dBm
Supply Voltage
VCC
26
Vdc
Operating Case Temperature Range
TC
– 20 to +100
°C
Storage Temperature Range
Tstg
– 40 to +100
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C, VCC = 24 V, 75 Ω system unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Frequency Range
BW
40
—
860
MHz
Power Gain (f = 40 MHz)
PG
16.5
17
17.5
dB
Slope (40 – 860 MHz)
S
0.2
0.8
1.5
dB
Gain Flatness
—
—
—
0.6
dB
Input/Output Return Loss f = 40 – 100 MHz
f = 100 – 800 MHz
f = 800 – 860 MHz
IRL/ORL
20
15
10/15
—
17
12/18
—
—
—
dB
Second Order Intermodulation Distortion
CA901
(Vout = + 50 dBmV per ch.)
CA901A
IMD2
—
—
—
—
– 60
– 64
dB
DIN45004B (See Figure 1) f = 40 – 400 MHz
f = 400 – 860 MHz
DIN
121
120
—
—
—
—
dB
mV
Noise Figure
f = 500 MHz
f = 860 MHz
NF
—
—
6.5
7.0
7.5
8.0
dB
Supply Current
IDC
—
235
255
mA
Order this document
by CA901/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
CA901
CA901A
17 dB
40 – 860 MHz
VHF/UHF
CATV/MATV
AMPLIFIERS
CASE 714P–03, STYLE 2
(CA)
© Motorola, Inc. 1994
REV 6


Similar Part No. - CA901

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA901 MOTOROLA-CA901 Datasheet
222Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
logo
Motorola, Inc
CA901 MOTOROLA-CA901_1 Datasheet
222Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
More results

Similar Description - CA901

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA912 MOTOROLA-CA912 Datasheet
52Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIER
CA922 MOTOROLA-CA922 Datasheet
63Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
MHW7222 MOTOROLA-MHW7222 Datasheet
48Kb / 2P
22 dB GAIN 750/860 MHz 110/128 CHANNEL CATV AMPLIFIERS
logo
STMicroelectronics
BFW16A STMICROELECTRONICS-BFW16A Datasheet
88Kb / 4P
CATV-MATV AMPLIFIERS
December 1988
logo
Tyco Electronics
PAW- MACOM-PAW- Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
PAW887B MACOM-PAW887B Datasheet
36Kb / 1P
40-860 MHz. 28 dB. CATV Ultra-linear Amplifier
logo
Motorola, Inc
CA901 MOTOROLA-CA901_1 Datasheet
222Kb / 4P
17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
logo
New Jersey Semi-Conduct...
BFW16A NJSEMI-BFW16A Datasheet
73Kb / 2P
CATV-MATV AMPLIFIERS
logo
NXP Semiconductors
CA901 NXP-CA901 Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
CA901A NXP-CA901A Datasheet
236Kb / 4P
The RF Line VHF/UHF CATV Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com