Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA901 Datasheet(PDF) 2 Page - Motorola, Inc

Part # CA901
Description  17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA901 Datasheet(HTML) 2 Page - Motorola, Inc

  CA901 Datasheet HTML 1Page - Motorola, Inc CA901 Datasheet HTML 2Page - Motorola, Inc CA901 Datasheet HTML 3Page - Motorola, Inc CA901 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA901 CA901A
2
MOTOROLA RF DEVICE DATA
12 MHz
6 MHz
6 MHz
–60 dB
–6 dB
DIN
Figure 1. DIN45004B Test
INPUT
C2
R
VCC
OUTPUT
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
C1
C1, 2
≥ 0.01 µF (chip)
R = 110
Ω, 2 Watts
Figure 2. External Connections



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com