Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA901 Datasheet(PDF) 3 Page - Motorola, Inc

Part # CA901
Description  17 dB 40-860 MHz VHF/UHF CATV/MATV AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

CA901 Datasheet(HTML) 3 Page - Motorola, Inc

  CA901 Datasheet HTML 1Page - Motorola, Inc CA901 Datasheet HTML 2Page - Motorola, Inc CA901 Datasheet HTML 3Page - Motorola, Inc CA901 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CA901 CA901A
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 714P–03
ISSUE B
STYLE 2:
PIN 1. RF INPUT
2. GROUND
3. GROUND
4. RESISTOR-GROUND
5. GROUND
6. GROUND
7. GROUND
8. VCC 1
9. RF OUTPUT
–A–
–F–
–Z–
J
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
–––
1.775
–––
45.08
INCHES
B
–––
1.085
–––
27.56
C
–––
0.870
–––
22.10
D
0.018
0.022
0.46
0.56
E
0.465
0.510
11.81
12.95
F
0.300
0.325
7.62
8.25
G
0.100 BSC
2.54 BSC
J
0.156 BSC
3.96 BSC
K
0.330
0.370
8.38
9.40
L
1.000 BSC
25.40 BSC
N
0.165 BSC
4.19 BSC
P
0.100 BSC
2.54 BSC
Q
0.148
0.168
3.76
4.27
R
–––
0.595
–––
15.11
S
1.500 BSC
38.10 BSC
V
0.209
0.239
5.31
6.07
W
0.425
–––
10.80
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
S
R
V
Q 2 PL
D 9 PL
A
0.25 (0.010) S T F M
M
B
–T–
N
C
X
0.51 (0.020) M T A M
–E–
L
G
1 2 3 4 5 6 7 8 9
6 32UNC–2B
A
0.25 (0.010) M Z T
M
2 PL
K
P
W
–X–
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding
the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit,
and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different
applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does
not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in
systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of
the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such
unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless
against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part.
Motorola and
are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com