Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5505 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5505 Datasheet HTML 2Page - Cirrus Logic CS5505 Datasheet HTML 3Page - Cirrus Logic CS5505 Datasheet HTML 4Page - Cirrus Logic CS5505 Datasheet HTML 5Page - Cirrus Logic CS5505 Datasheet HTML 6Page - Cirrus Logic CS5505 Datasheet HTML 7Page - Cirrus Logic CS5505 Datasheet HTML 8Page - Cirrus Logic CS5505 Datasheet HTML 9Page - Cirrus Logic CS5505 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
5V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 10%;
VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency:
Internal Oscillator:
-A,B
-S
External Clock:
XIN
or
fclk
30.0
30.0
30
32.768
32.768
-
53.0
34.0
163
kHz
kHz
kHz
Master Clock Duty Cycle
40
-
60
%
Rise Times:
Any Digital Input
(Note 10)
Any Digital Output
trise
-
-
-
50
1.0
-
µs
ns
Fall Times:
Any Digital Input
(Note 10)
Any Digital Output
tfall
-
-
-
20
1.0
-
µs
ns
Start-Up
Power-On Reset Period
(Note 11)
tres
-10
-
ms
Oscillator Start-up Time
XTAL=32.768 kHz (Note 12)
tosu
-
500
-
ms
Wake-up Period
(Note 13)
twup
-
1800/fclk
-s
Calibration
CONV Pulse Width (CAL = 1)
(Note 14)
tccw
100
-
-
ns
CONV and CAL High to Start of Calibration
tscl
--
2/fclk+200
ns
Start of Calibration to End of Calibration
tcal
-
3246/fclk
-s
Conversion
Set Up Time
A0, A1 to CONV High
tsac
50
-
-
ns
Hold Time
A0, A1 after CONV High
thca
100
-
-
ns
CONV Pulse Width
tcpw
100
-
-
ns
CONV High to Start of Conversion
tscn
--
2/fclk+200
ns
Set Up Time
BP/UP stable prior to DRDY falling
tbus
82/fclk
--
s
Hold Time
BP/UP stable after DRDY falls
tbuh
0-
-
ns
Start of Conversion to End of Conversion
(Note 15)
tcon
-
1624/fclk
-s
Notes: 10. Specified using 10% and 90% points on waveform of interest.
11. An internal power-on-reset is activated whenever power is applied to the device, or when coming out
of a SLEEP state.
12. Oscillator start-up time var ies with the crystal parameters. This specification does not apply when
using an external clock source.
13. The wake-up period begins once the oscillator starts;
or when using an external fclk, after the power-on reset time elapses.
14. Calibration can also be initiated by pulsing CAL high while CONV=1.
15. Conversion time will be 1622/fclk if CONV remains high continuously.
CS5505/6/7/8
6
DS59F7
CS5505/6/7/8
6
DS59F7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com