Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5505 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5505 Datasheet HTML 16Page - Cirrus Logic CS5505 Datasheet HTML 17Page - Cirrus Logic CS5505 Datasheet HTML 18Page - Cirrus Logic CS5505 Datasheet HTML 19Page - Cirrus Logic CS5505 Datasheet HTML 20Page - Cirrus Logic CS5505 Datasheet HTML 21Page - Cirrus Logic CS5505 Datasheet HTML 22Page - Cirrus Logic CS5505 Datasheet HTML 23Page - Cirrus Logic CS5505 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
If the CS5505/6/7/8 is operated at a clock rate
other than 32.768 kHz, the filter characteristics,
including the comb filter zeros, will scale with
the operating clock frequency. Therefore, opti-
mum rejection of line frequency interference will
o c c ur with the CS5505/6/7/8 running a t
32.768 kHz. The CS5505/6/7/8 can be used with
external clock rates from 30 kHz to 163 kHz.
Anti-Alias Considerations for Spectral
Measurement Applications
Input frequencies greater than one half the out-
put word rate (CONV = 1) may be aliased by
the converter.
To prevent this, input signals
should be limited in frequency to no greater than
one half the output word rate of the converter
(when CONV =1).
Frequencies close to the
modulator sample rate (XIN/2) and multiples
thereof may also be aliased. If the signal source
includes spectral components above one half the
output word rate (when CONV = 1) these com-
ponents should be removed by means of low-
pass filtering prior to the A/D input to prevent
aliasing. Spectral components greater than one
half the output word rate on the VREF inputs
(VREF+ and VREF-) may also be aliased. Fil-
tering of the reference voltage to remove these
spectral components from the reference voltage
is desirable.
Crystal Oscillator
The CS5505/6/7/8 is designed to be operated us-
ing a 32.768 kHz "tuning fork" type crystal. One
end of the crystal should be connected to the
XIN input. The other end should be attached to
XOUT.
Short lead lengths should be used to
minimize stray capacitance. Figure 12 illustrates
the gate oscillator, and a simplified version of
the control logic used on the chip.
Over the industrial temperature range (-40 to
+85
°C) the on-chip gate oscillator will oscillate
Start
Conversion
D Q
CLK
D Q
CLK
Input
Mux
Decoder
4
3
2
1
T
Q
Modulator
Sample
Clock
XTL=32.768 kHz
A0
A1
CONV
CS5505/6
CAL
D Q
CLK
D Q
CLK
Start
Calibration
S Q
S Q
R
R
R
Channel A0 A1
1
1
0
0
1
0
1
0
10 M
Ω
22.5 pF
15 pF
gm ~~19 umho
XOUT
XIN
Figure 12. Gate Oscillator and Control Logic
CS5505/6/7/8
20
DS59F4
CS5505/6/7/8
20
DS59F7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com