Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5505 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5505
Description  Very Low Power, 16-Bit and 20-Bit A/D Converters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5505 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5505 Datasheet HTML 23Page - Cirrus Logic CS5505 Datasheet HTML 24Page - Cirrus Logic CS5505 Datasheet HTML 25Page - Cirrus Logic CS5505 Datasheet HTML 26Page - Cirrus Logic CS5505 Datasheet HTML 27Page - Cirrus Logic CS5505 Datasheet HTML 28Page - Cirrus Logic CS5505 Datasheet HTML 29Page - Cirrus Logic CS5505 Datasheet HTML 30Page - Cirrus Logic CS5505 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
PIN DESCRIPTIONS
Pin numbers for four channel devices are in parentheses.
Clock Generator
XIN; XOUT - Crystal In; Crystal Out, Pins 4 (5) and 5 (6).
A gate inside the chip is connected to these pins and can be used with a crystal to provide the
master clock for the device.
Alternatively, an external (CMOS compatible) clock can be
supplied into the XIN pin to provide the master clock for the device. Loss of clock will put the
device into a lower powered state (approximately 70% power reduction).
Serial Output I/O
M/SLP - Serial Interface Mode Select/ Sleep, Pin 6 (7).
Dual function pin which selects the operating mode of the serial port and provides a very low
power sleep function. When M/SLP is tied to the VD+ pin the serial port will operate in the
Synchronous Self-Clocking (SSC) mode. When M/SLP is tied to the DGND pin the serial port
will operate in the Synchronous External Clocking (SEC) mode.
When the M/SLP pin is tied
half way between VD+ and DGND the chip will enter into a very low powered sleep mode in
which its calibration data will be maintained.
CS - Chip Select, Pin 1 (2).
This input allows an external device to access the serial port.
DRDY - Data Ready, Pin 20 (23)
Data Ready goes low at the end of a digital filter convolution cycle to indicate that a new
output word has been placed into the serial port. DRDY will return high after all data bits are
shifted out of the serial port or two master clock cycles before new data becomes available if
the CS pin is inactive (high).
SDATA - Serial Data Output, Pin 19 (22).
SDATA is the output pin of the serial output port. Data from this pin will be output at a rate
determined by SCLK and in a format determined by the M/SLP pin. Data is output MSB first
and advances to the next data bit on the falling edges of SCLK. SDATA will be in a high
impedance state when not transmitting data.
SCLK - Serial Clock Input/Output, Pin 18 (21).
A clock signal on this pin determines the output rate of the data from the SDATA pin. The
M/SLP pin determines whether SCLK is an input or and output. When used as an input, it must
not be allowed to float.
CS5505/6/7/8
DS59F7
27
CS5505/6/7/8
DS59F7
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com