Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC714LP5E Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC714LP5E
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5E Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC714LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 122
OUT [P,N] & Error vs. Pin @ 3000 MHz,
INPA Power Swept, INPB Fixed Power @
-25 dBm [1]
OUT [P,N] & Error vs. Pin @ 3900 MHz,
INPA Power Swept, INPB Fixed Power @
-25 dBm [1]
OUT [P,N] & Error vs. Pin @ 3500 MHz,
INPA Power Swept, INPB Fixed Power @
-25 dBm [1]
OUT [P,N] & Error vs. Pin @ 900 MHz,
INPA Power Swept, INPB Fixed Power @
-25 dBm [1]
OUT [P,N] & Error vs. Pin @ 2200 MHz,
INPA Power Swept, INPB Fixed Power @
-25 dBm [1]
OUT [P,N] & Error vs. Pin @ 1900 MHz,
INPA Power Swept, INPB Fixed Power @
-25 dBm [1]
[1] CW Input Waveform
0
1
2
3
4
-4
-2
0
2
4
-60
-50
-40
-30
-20
-10
0
10
Out P Err +25C
Out P Err +85C
Out P Err -40C
Out N Err +25C
Out N Err +85 C
Out N Err -40C
INPUT POWER (dBm)
Out P
Out N
0
1
2
3
4
-4
-2
0
2
4
-60
-50
-40
-30
-20
-10
0
10
Out P Err +25C
Out P Err +85C
Out P Err -40C
Out N Err +25C
Out N Err +85 C
Out N Err -40C
INPUT POWER (dBm)
Out P
Out N
0
1
2
3
4
-4
-2
0
2
4
-60
-50
-40
-30
-20
-10
0
10
Out P Err +25C
Out P Err +85C
Out P Err -40C
Out N Err +25C
Out N Err +85 C
Out N Err -40C
INPUT POWER (dBm)
Out P
Out N
0
1
2
3
4
-4
-2
0
2
4
-60
-50
-40
-30
-20
-10
0
10
Out P Err +25C
Out P Err +85C
Out P Err -40 C
Out N Err +25C
Out N Err +85C
Out N Err -40 C
INPUT POWER (dBm)
Out P
Out N
0
1
2
3
4
-4
-2
0
2
4
-60
-50
-40
-30
-20
-10
0
10
Out P Err +25C
Out P Err +85C
Out P Err -40 C
Out N Err +25C
Out N Err +85C
Out N Err -40 C
INPUT POWER (dBm)
Out P
Out N
0
1
2
3
4
-4
-2
0
2
4
-60
-50
-40
-30
-20
-10
0
10
Out P Err +25C
Out P Err +85C
Out P Err -40C
Out N Err +25C
Out N Err +85 C
Out N Err -40C
INPUT POWER (dBm)
Out P
Out N
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com