Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC714LP5E Datasheet(PDF) 13 Page - Hittite Microwave Corporation

Part # HMC714LP5E
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5E Datasheet(HTML) 13 Page - Hittite Microwave Corporation

Back Button HMC714LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 12Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 13Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 14Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 15Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 16Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 17Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 126
RMSA-RMSB, Channel Matching vs. Pin
over Temperature, with 2200 MHz SE
Tune [1]
RMSA Out & Error vs. Pin
over Temperature @ 2200 MHz, with
2200 MHz SE Tune [1]
RMSA Out vs. Pin over Frequency, with
1800 MHz SE Tune [1]
RMSA-RMSB, Channel Matching vs.
Pin over Frequency, with 1800 MHz SE
Tune [1]
RMSA Out vs. Pin over Frequency, with
3600 MHz SE Tune [1]
RMSA Out Error vs. Pin over Frequency,
with 1800 MHz SE Tune [1]
[1] CW Input Waveform
-60
-40
-20
0
20
40
60
-55
-45
-35
-25
-15
-5
5
15
25
85C
-40C
Input Power (dBm)
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-50
-40
-30
-20
-10
0
10
Ideal
1500MHz
1600MHZ
1700MHz
1800MHz
1900MHz
2000MHz
2100MHz
INPUT POWER (dBm)
-4
-3
-2
-1
0
1
2
3
4
-60
-50
-40
-30
-20
-10
0
10
1500MHz
1600MHz
1700MHz
1800MHz
1900MHz
2000MHz
2100MHz
INPUT POWER (dBm)
-60
-40
-20
0
20
40
60
-50
-40
-30
-20
-10
0
10
1500MHz
1600MHz
1700MHz
1800MHZ
1900MHz
2000MHz
2100MHz
INPUT POWER (dBm)
0
0.5
1
1.5
2
2.5
3
3.5
4
-60
-50
-40
-30
-20
-10
0
10
Ideal
3300MHz
3400MHZ
3500MHz
3600MHz
3700MHz
3800MHz
3900MHz
INPUT POWER (dBm)
0
1
2
3
4
-4
-3
-2
-1
0
1
2
3
4
-60
-50
-40
-30
-20
-10
0
10
Ideal
RMSA +25C
RMSA +85C
RMSA - 40C
ERR +25C
ERR +85C
ERR - 40C
INPUT POWER (dBm)
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com