Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC714LP5E Datasheet(PDF) 21 Page - Hittite Microwave Corporation

Part # HMC714LP5E
Description  DUAL RMS POWER DETECTOR 0.1 - 3.9 GHz
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC714LP5E Datasheet(HTML) 21 Page - Hittite Microwave Corporation

Back Button HMC714LP5E Datasheet HTML 17Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 18Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 19Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 20Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 21Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 22Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 23Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 24Page - Hittite Microwave Corporation HMC714LP5E Datasheet HTML 25Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 134
Pin Descriptions (Continued)
HMC714LP5 / 714LP5E
v05.0309
DUAL RMS POWER DETECTOR
0.1 - 3.9 GHz
Pin Number
Function
Description
Interface Schematic
19
FBKB
Feedback through 3.5K Ohms to the negative
terminal of the integrated Op Amp driving OUTN
20
OUTN
Output providing the difference of RMS outputs
using an Op Amp. For normal operation,
connected to FBKB to provide the function:
OUTN = RMSB - RMSA + VLVL
21
OUTP
Output providing the difference of RMS outputs
using an Op Amp. For normal operation,
connected to FBKA to provide the function:
OUTP = RMSA - RMSB + VLVL
22
FBKA
Feedback through 3.5K Ohms to the negative
terminal of the integrated Op Amp driving OUTP
28
VTGT
This voltage input changes the logarithmic
intercept point. Use of lower target voltage
reduces error for complex signals with large crest
factors. Normally connected to VREF3 via resistor
voltage divider. See Application Note section.
29
VREF3
3V Reference voltage output for use with VTGT.
See Application Note section.
30
TEMP
Temperature sensor output. See Application Note
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com