Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7263BHx Datasheet(PDF) 57 Page - STMicroelectronics

Part # ST7263BHx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BHx Datasheet(HTML) 57 Page - STMicroelectronics

Back Button ST7263BHx Datasheet HTML 53Page - STMicroelectronics ST7263BHx Datasheet HTML 54Page - STMicroelectronics ST7263BHx Datasheet HTML 55Page - STMicroelectronics ST7263BHx Datasheet HTML 56Page - STMicroelectronics ST7263BHx Datasheet HTML 57Page - STMicroelectronics ST7263BHx Datasheet HTML 58Page - STMicroelectronics ST7263BHx Datasheet HTML 59Page - STMicroelectronics ST7263BHx Datasheet HTML 60Page - STMicroelectronics ST7263BHx Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
57/186
11.1.8
Register description
Control register (CR)
Reset value: 0111 1111 (7Fh)
7
0
WDGA
T6
T5
T4
T3
T2
T1
T0
Read/write
7 WDGA Activation bit.
This bit is set by software and only cleared by hardware after a reset. When WDGA
= 1, the watchdog can generate a reset.
0: Watchdog disabled
1: Watchdog enabled
[6:0] T[6:0] 7-bit timer (MSB to LSB).
These bits contain the decremented value. A reset is produced when it rolls over
from 40h to 3Fh (T6 becomes cleared).
Table 18.
Watchdog timer register map and reset values
Address
(Hex.)
Register
Label
76
5
4
321
0
0Ch
WDGCR
Reset
value
WDGA
0
T6
1
T5
1
T4
1
T3
1
T2
1
T1
1
T0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com