Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105V8 Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32F105V8
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105V8 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32F105V8 Datasheet HTML 81Page - STMicroelectronics STM32F105V8 Datasheet HTML 82Page - STMicroelectronics STM32F105V8 Datasheet HTML 83Page - STMicroelectronics STM32F105V8 Datasheet HTML 84Page - STMicroelectronics STM32F105V8 Datasheet HTML 85Page - STMicroelectronics STM32F105V8 Datasheet HTML 86Page - STMicroelectronics STM32F105V8 Datasheet HTML 87Page - STMicroelectronics STM32F105V8 Datasheet HTML 88Page - STMicroelectronics STM32F105V8 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 95 page
background image
STM32F105xx, STM32F107xx
Applicative block diagrams
Doc ID 15274 Rev 4
85/95
Figure 41.
OTG connection (any protocol)
1. STMPS2141STR needed only if the application has to support bus-powered devices.
2. VDD ranges between 2 V and 3.6 V.
A.2
Ethernet interface solutions
Figure 42.
MII mode using a 25 MHz crystal
1. HCLK must be greater than 25 MHz.
2. Pulse per second when using IEEE1588 PTP, optional signal.
USB
OTG
Full-speed
core
STM32F105xx/STM32F107xx
USB
full-speed/
low-speed
transceiver
DP
DM
VBUS
VSS
HNP
HNP
SRP
SRP
ID
ID
OTG PHY
ai15655b
GPIO
GPIO + IRQ
EN
Current-limited
power distribution
switch
STMPS2141STR(1)
ID
OVRCR
flag
VDD
(2)
5 V
MCU
Ethernet
MAC 10/100
Ethernet
PHY 10/100
PLL
HCLK
XT1
PHY_CLK 25 MHz
MII_RX_CLK
MII_RXD[3:0]
MII_RX_DV
MII_RX_ER
MII_TX_CLK
MII_TX_EN
MII_TXD[3:0]
MII_CRS
MII_COL
MDIO
MDC
HCLK(1)
PPS_OUT(2)
XTAL
25 MHz
STM32F107xx
OSC
TIM2
Timestamp
comparator
Timer
input
trigger
IEEE1588 PTP
MII
= 15 pins
MII + MDC
= 17 pins
ai15656



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com