Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105V8 Datasheet(PDF) 93 Page - STMicroelectronics

Part # STM32F105V8
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105V8 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STM32F105V8 Datasheet HTML 87Page - STMicroelectronics STM32F105V8 Datasheet HTML 88Page - STMicroelectronics STM32F105V8 Datasheet HTML 89Page - STMicroelectronics STM32F105V8 Datasheet HTML 90Page - STMicroelectronics STM32F105V8 Datasheet HTML 91Page - STMicroelectronics STM32F105V8 Datasheet HTML 92Page - STMicroelectronics STM32F105V8 Datasheet HTML 93Page - STMicroelectronics STM32F105V8 Datasheet HTML 94Page - STMicroelectronics STM32F105V8 Datasheet HTML 95Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 93 / 95 page
background image
STM32F105xx, STM32F107xx
Revision history
Doc ID 15274 Rev 4
93/95
19-Jun-2009
3
Section 2.3.8: Boot modes and Section 2.3.20: Ethernet MAC
interface with dedicated DMA and IEEE 1588 support updated.
Section 2.3.24: Remap capability added.
Figure 1: STM32F105xx and STM32F107xx connectivity line block
diagram and Figure 4: Memory map updated.
In Table 5: Pin definitions:
– I2S3_WS, I2S3_CK and I2S3_SD default alternate functions
added
– small changes in signal names
– Note 5 modified
– ETH_MII_PPS_OUT and ETH_RMII_PPS_OUT replaced by
ETH_PPS_OUT
– ETH_MII_MDIO and ETH_RMII_MDIO replaced by ETH_MDIO
– ETH_MII_MDC and ETH_RMII_MDC replaced by ETH_MDC
Figures: Typical current consumption in Run mode versus frequency
(at 3.6 V) - code with data processing running from RAM, peripherals
enabled and Typical current consumption in Run mode versus
frequency (at 3.6 V) - code with data processing running from RAM,
peripherals disabled removed.
Table 13: Maximum current consumption in Run mode, code with
data processing running from Flash, Table 14: Maximum current
consumption in Run mode, code with data processing running from
RAM and Table 15: Maximum current consumption in Sleep mode,
code running from Flash or RAM are to be determined.
Figure 11 and Figure 12 show typical curves. PLL1 renamed to PLL.
IDD supply current in Stop mode modified in Table 16: Typical and
maximum current consumptions in Stop and Standby modes.
Figure 10: Typical current consumption in Stop mode with regulator
in Run mode versus temperature at different VDD values, Figure 12:
Typical current consumption in Standby mode versus temperature at
different VDD values and Figure 12: Typical current consumption in
Standby mode versus temperature at different VDD values updated.
Table 17: Typical current consumption in Run mode, code with data
processing running from Flash, Table 18: Typical current
consumption in Sleep mode, code running from Flash or RAM and
Table 19: Peripheral current consumption updated.
fHSE_ext modified in Table 20: High-speed external user clock
characteristics.
Min PLL input clock (fPLL_IN), fPLL_OUT min and fPLL_VCO min
modified in Table 27: PLL characteristics.
ACCHSI max values modified in Table 24: HSI oscillator
characteristics. Table 31: EMS characteristics and Table 32: EMI
characteristics updated. Table 42: SPI characteristics updated.
Modified: Figure 23: I2S slave timing diagram (Philips protocol)(1),
Figure 24: I2S master timing diagram (Philips protocol)(1) and
Figure 26: Ethernet SMI timing diagram.
BGA100 package removed.
Section 6.2: Thermal characteristics added. Small text changes.
Table 63.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com