Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F105V8 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F105V8
Description  Connectivity line, ARM-based 32-bit MCU with 64/256 KB Flash, USB OTG, Ethernet, 10 timers, 2 CANs, 2 ADCs, 14 communication interfaces
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F105V8 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F105V8 Datasheet HTML 37Page - STMicroelectronics STM32F105V8 Datasheet HTML 38Page - STMicroelectronics STM32F105V8 Datasheet HTML 39Page - STMicroelectronics STM32F105V8 Datasheet HTML 40Page - STMicroelectronics STM32F105V8 Datasheet HTML 41Page - STMicroelectronics STM32F105V8 Datasheet HTML 42Page - STMicroelectronics STM32F105V8 Datasheet HTML 43Page - STMicroelectronics STM32F105V8 Datasheet HTML 44Page - STMicroelectronics STM32F105V8 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 95 page
background image
STM32F105xx, STM32F107xx
Electrical characteristics
Doc ID 15274 Rev 4
41/95
Table 17.
Typical current consumption in Run mode, code with data processing
running from Flash
Symbol
Parameter
Conditions
fHCLK
Typ(1)
1. Typical values are measures at TA = 25 °C, VDD = 3.3 V.
Unit
All peripherals
enabled(2)
2. Add an additional power consumption of 0.8 mA per ADC for the analog part. In applications, this
consumption occurs only while the ADC is on (ADON bit is set in the ADC_CR2 register).
All peripherals
disabled
IDD
Supply
current in
Run mode
External clock(3)
3. External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
47.3
28.3
mA
48 MHz
32
19.6
36 MHz
24.6
15.4
24 MHz
16.8
10.6
16 MHz
11.8
7.4
8 MHz
5.9
3.7
4 MHz
3.7
2.9
2 MHz
2.5
2
1 MHz
1.8
1.53
500 kHz
1.5
1.3
125 kHz
1.3
1.2
Running on high
speed internal RC
(HSI), AHB
prescaler used to
reduce the
frequency
36 MHz
23.9
14.8
mA
24 MHz
16.1
9.7
16 MHz
11.1
6.7
8 MHz
5.6
3.8
4 MHz
3.1
2.1
2 MHz
1.8
1.3
1 MHz
1.16
0.9
500 kHz
0.8
0.67
125 kHz
0.6
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com