Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-103E/ST Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP4651-103E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-103E/ST Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP4651-103E/ST Datasheet HTML 32Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 33Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 34Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 35Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 36Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 37Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 38Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 39Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 36
© 2008 Microchip Technology Inc.
3.1
High Voltage Command / Address 0
(HVC/A0)
The HVC/A0 pin is the Address 0 input for the I2C
interface as well as the High Voltage Command pin. At
the device’s POR/BOR the value of the A0 address bit
is latched. This input along with the A2 and A1 pins
completes the device address. This allows up to 8
MCP45xx/46xx devices can be on a single I2C bus.
During normal operation the the voltage on this pin
determines if the I2C command is a normal command
or a High Voltage command (when HVC/A0 = VIHH).
3.2
Serial Clock (SCL)
The SCL pin is the serial interfaces Serial Clock pin.
This pin is connected to the Host Controllers SCL pin.
The MCP45XX/46XX is a slave device, so it’s SCL pin
accepts only external clock signals.
3.3
Serial Data (SDA)
The SDA pin is the serial interfaces Serial Data pin.
This pin is connected to the Host Controllers SDA pin.
The SDA pin is an open-drain N-channel driver.
3.4
Ground (VSS)
The VSS pin is the device ground reference.
3.5
Potentiometer Terminal B
The terminal B pin is connected to the internal
potentiometer’s terminal B.
The potentiometer’s terminal B is the fixed connection
to the Zero Scale wiper value of the digital potentiome-
ter. This corresponds to a wiper value of 0x00 for both
7-bit and 8-bit devices.
The terminal B pin does not have a polarity relative to
the terminal W or A pins. The terminal B pin can
support both positive and negative current. The voltage
on terminal B must be between VSS and VDD.
MCP46XX devices have two terminal B pins, one for
each resistor network.
3.6
Potentiometer Wiper (W) Terminal
The terminal W pin is connected to the internal potenti-
ometer’s terminal W (the wiper). The wiper terminal is
the adjustable terminal of the digital potentiometer. The
terminal W pin does not have a polarity relative to
terminals A or B pins. The terminal W pin can support
both positive and negative current. The voltage on
terminal W must be between VSS and VDD.
MCP46XX devices have two terminal W pins, one for
each resistor network.
3.7
Potentiometer Terminal A
The terminal A pin is available on the MCP4XX1
devices, and is connected to the internal potentiome-
ter’s terminal A.
The potentiometer’s terminal A is the fixed connection
to the Full-Scale wiper value of the digital potentiome-
ter. This corresponds to a wiper value of 0x100 for 8-bit
devices or 0x80 for 7-bit devices.
The terminal A pin does not have a polarity relative to
the terminal W or B pins. The terminal A pin can
support both positive and negative current. The voltage
on terminal A must be between VSS and VDD.
The terminal A pin is not available on the MCP4XX2
devices, and the internally terminal A signal is floating.
MCP46X1 devices have two terminal A pins, one for
each resistor network.
3.8
Address 2 (A2)
The A2 pin is the I2C interface’s Address 2 pin. Along
with the A1 and A0 pins, up to 8 MCP45XX/46XX
devices can be on a single I2C bus.
3.9
Address 1 (A1)
The A2 pin is the I2C interface’s Address 1 pin. Along
with the A2 and A0 pins, up to 8 MCP45XX/46XX
devices can be on a single I2C bus.
3.10
Positive Power Supply Input (VDD)
The VDD pin is the device’s positive power supply input.
The input power supply is relative to VSS.
While the device VDD < Vmin (2.7V), the electrical
performance of the device may not meet the data sheet
specifications.
3.11
No Connect (NC)
These pins should be either connected to VDD or VSS.
3.12
Exposed Pad (EP)
This pad is conductively connected to the device’s sub-
strate. This pad should be tied to the same potential as
the VSS pin (or left unconnected). This pad could be
used to assist as a heat sink for the device when con-
nected to a PCB heat sink.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com