Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-103E/ST Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP4651-103E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-103E/ST Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP4651-103E/ST Datasheet HTML 50Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 51Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 52Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 53Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 54Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 55Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 56Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 57Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 54
© 2008 Microchip Technology Inc.
TABLE 7-2:
MEMORY MAP AND THE SUPPORTED COMMANDS
Address
Command Operation
Data
(10-bits) (1)
Comment
Value
Function
00h
Volatile Wiper 0
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
Increment Wiper
—
Decrement Wiper
—
01h
Volatile Wiper 1
Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
Increment Wiper
—
Decrement Wiper
—
02h
Reserved
—
—
03h
Reserved
—
—
04h (2)
Volatile TCON Register Write Data
nn nnnn nnnn
Read Data (3)
nn nnnn nnnn
05h (2)
Reserved
Read Data (3)
nn nnnn nnnn
Maps to Non-Volitile
MCP45XX/46XX device’s
STATUS Register
06h - 0Fh (2) Reserved
—
—
Note
1:
The Data Memory is only 9-bits wide, so the MSb is ignored by the device.
2:
Increment or Decrement commands are invalid for these addresses.
3:
I2C read operation will read 2 bytes, of which the 10-bits of data are contained within.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com