Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-103E/ST Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP4651-103E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-103E/ST Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP4651-103E/ST Datasheet HTML 51Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 52Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 53Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 54Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 55Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 56Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 57Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 58Page - Microchip Technology MCP4651-103E/ST Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 55
MCP453X/455X/463X/465X
7.2
Data Byte
Only the Read Command and the Write Command
have Data Byte(s).
The Write command concatenates the 8-bits of the
Data Byte with the one data bit (D8) contained in the
Command Byte to form 9-bits of data (D8:D0). The
Command Byte format supports up to 9-bits of data so
that the 8-bit resistor network can be set to Full-Scale
(100h or greater). This allows wiper connections to
Terminal A and to Terminal B. The D9 bit is currently
unused.
7.3
Error Condition
If the four address bits received (AD3:AD0) and the two
command bits received (C1:C0) are a valid combina-
tion, the MCP4XXX will Acknowledge the I2C bus.
If the address bits and command bits are an invalid
combination, then the MCP4XXX will Not Acknowledge
the I2C bus.
Once an error condition has occurred, any following
commands are ignored until the I2C bus is reset with a
Start Condition.
7.3.1
ABORTING A TRANSMISSION
A Restart or Stop condition in the expected data bit
position will abort the current command sequence and
TABLE 7-3:
COMMANDS
Command Name
# of Bits
High
Voltage
(VIHH) on
HVC pin?
Write Data
29
—
Read Data
29
—
Increment Wiper
20
—
Decrement Wiper
20
—
High Voltage Write Data
29
Yes
High Voltage Read Data
29
Yes
High Voltage Increment Wiper
20
Yes
High Voltage Decrement Wiper
20
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com